Electronic Components Datasheet Search
  English  ▼

X  

LMX2364 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LMX2364 Datasheet HTML 24Page - National Semiconductor (TI) LMX2364 Datasheet HTML 25Page - National Semiconductor (TI) LMX2364 Datasheet HTML 26Page - National Semiconductor (TI) LMX2364 Datasheet HTML 27Page - National Semiconductor (TI) LMX2364 Datasheet HTML 28Page - National Semiconductor (TI) LMX2364 Datasheet HTML 29Page - National Semiconductor (TI) LMX2364 Datasheet HTML 30Page - National Semiconductor (TI) LMX2364 Datasheet HTML 31Page - National Semiconductor (TI) LMX2364 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Programming Description (Continued)
2.6 R3 REGISTER
The R3 register is used to setup the RF R Divider ratio as well as several other control functions related to the RF synthesizer.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0]
C2
C1
C0
R3
RF_
RST
RF_
P
RF_
CPP
RF_
CP[1:0]
RF_R[8:0]
RF_FD[6:0]
0
1
1
2.6.1 RF_FD[6:0] — Fractional Denominator, RF Synthesizer
In Fractional Mode, RF_FD[6:0] is used to specify the fractional denominator of the fractional part of the N counter value. Note
that in this mode, values below 32 are not supported. If a fractional denominator between 2 and 32 is desired, the same N counter
value can be achieved by multiplying the fractional numerator and denominator by some constant factor. For instance, 1/16 can
be expressed as 5/80.
In integer mode, the value represented by this bit multiplies both the RF_N and RF_R counter values. If both of these counter
sizes are sufficiently large, it is recommended to set this bit to one. If the counter sizes are too small, this bit can be used to extend
the counter range.
RF_FD[6:0]
RF_FD
Value
Integer Mode
Fractional Mode
[RF_OM = 0]
RF_OM = 1
0
128
128
1
1
Not Supported (Use Integer Mode Instead)
…
…
Not Supported ( Use a higher value )
32
32
32
33
33
33
34
34
34
……
…
127
127
127
Value
Fractional Mode
(RF_OM=1)
Integer Mode
(RF_OM=0)
R Divider Value
RF_R
RF_R x RF_FD
Complete N Divider Value
RF_N x RF_FN/RF_FD
RF_N x RF_FD + RF_FN
See R divider programming (section 2.6.2 ) and N divider programming (Section 2.7.2) for more detailed programming
information.
2.6.2 RF_R[8:0] — R Divider Ratio, RF Synthesizer
RF_R[8:0] is used to specify an integer value from 1 to 511 that is used in calculating the R divider ratio for the RF synthesizer.
In the case that the PLL is operating in fractional mode, the R counter value is simply the value represented by RF_R. However,
in integer mode, the R counter value is calculated by multiplying RF_R by the fractional denominator value.
R (Integer Mode) = RF_R x RF_FD
Since RF_R can take on integer values between 1 – 511 and RF_FD can take on integer values between 1 – 128, this value can
range from 1 - 65408, although prime values between 512 and 65,408 can not be realized.
RF_R[8:0]
RF_R
Value
0
Not Supported
11
……
511
511
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com