Electronic Components Datasheet Search
  English  ▼

X  

LMX2364 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2364 Datasheet HTML 1Page - National Semiconductor (TI) LMX2364 Datasheet HTML 2Page - National Semiconductor (TI) LMX2364 Datasheet HTML 3Page - National Semiconductor (TI) LMX2364 Datasheet HTML 4Page - National Semiconductor (TI) LMX2364 Datasheet HTML 5Page - National Semiconductor (TI) LMX2364 Datasheet HTML 6Page - National Semiconductor (TI) LMX2364 Datasheet HTML 7Page - National Semiconductor (TI) LMX2364 Datasheet HTML 8Page - National Semiconductor (TI) LMX2364 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Electrical Characteristics (V
Vcc =VVcp = 3.0V; −40˚C
≤ T
A
≤ +85˚C except as specified) (Continued)
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
RF SYNTHESIZER PARAMETERS
I
CPoutRFSRCE
RF Charge Pump Source
Current
RF_CP=0
V
CPoutRF =VVcpRF /2
1mA
RF_CP=1
V
CPoutRF =VVcpRF /2
4mA
RF_CP=2
V
CPoutRF =VVcpRF /2
8mA
RF_CP=3
V
CPoutRF =VVcpRF /2
16
mA
I
CPoutRFSINK
RF Charge Pump Sink
Current
RF_CP=0
V
CPoutRF =VVcpRF /2
−1
mA
RF_CP=1
V
CPoutRF =VVcpRF /2
−4
mA
RF_CP=2
V
CPoutRF =VVcpRF /2
−8
mA
RF_CP=3
V
CPoutRF =VVcpRF /2
−16
mA
I
CPoutRFTRI
RF Charge Pump
TRI-STATE Current
0.5
≤ V
CPoutRF
≤ V
VcpRF −0.5
−10.0
10.0
nA
I
CPoutRF%MIS
RF CP Sink vs. CP Source
Mismatch
V
CPoutRF =VVcpRF /2
T
A = 25˚C
3.5
%
I
CPoutRF%V
RF CP Current vs. CP
Voltage
0.5
≤ V
CPoutRF
≤ V
VcpRF −0.5
T
A = 25˚C
RF_CP=0, 1, or 2
510
%
I
CPoutRF%TEMP
RF CP Current vs.
Temperature
VP
CPoutRF =VVcpRF /2
810
%
IF SYNTHESIZER PARAMETERS
f
FinIF
Operating Frequency
50
850
MHz
N IF
Continuous N Divider
Range
56
262,143
R IF
R Divider Range
3
32,767
f
COMP
Phase Detector Frequency
10
MHz
p
FinIF
IF Input Sensitivity
2.7
≤ V
Vcc
≤ 5.5V
−10
0
dBm
I
CPoutIFSRCE
IF Charge Pump Source
Current
IF_CP = 0
V
CPoutIF =VVcpIF /2
100
µA
IF_CP = 1
V
CPoutIF =VVcpIF /2
800
µA
I
CPoutIFSINK
IF Charge Pump Sink
Current
IF_CP = 0
V
CPoutIF =VVcpIF /2
−100
µA
IF_CP = 1
V
CPoutIF =VVcpIF /2
−800
µA
I
CPoutTRI
IF Charge Pump
TRI-STATE Current
0.5
≤ V
CPout
≤ V
VcpIF −0.5
−2.0
2.0
nA
I
CPoutIF%MIS
IF CP Sink vs. CP Source
Mismatch
V
CPoutIF =VVcpIF /2
T
A = 25˚C
5%
I
CPoutIF%V
IF CP Current vs. CP
Voltage
0.5
≤ V
CPoutIF
≤ V
VcpIF −0.5
T
A = 25˚C
510
%
I
CPoutIF%TEMP
IF CP Current vs.
Temperature
V
CPoutIF =VVcpIF /2
8%
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com