Electronic Components Datasheet Search
  English  ▼

X  

LMX2364 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LMX2364 Datasheet HTML 29Page - National Semiconductor (TI) LMX2364 Datasheet HTML 30Page - National Semiconductor (TI) LMX2364 Datasheet HTML 31Page - National Semiconductor (TI) LMX2364 Datasheet HTML 32Page - National Semiconductor (TI) LMX2364 Datasheet HTML 33Page - National Semiconductor (TI) LMX2364 Datasheet HTML 34Page - National Semiconductor (TI) LMX2364 Datasheet HTML 35Page - National Semiconductor (TI) LMX2364 Datasheet HTML 36Page - National Semiconductor (TI) LMX2364 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Programming Description (Continued)
2.9 R6 REGISTER
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0]
C2
C1
C0
R6
00
00000FE
0000000
PD_
M
OSC
MUX[3:0]
1
1
0
2.9.1 MUX[3:0] — Coltrol Word for the Ftest/LD Pin
The MUX[3:0] control word is used to determine the function of the Ftest/LD output pin. The pin can be setup as a general-
purpose CMOS TRI-STATE I/O pin, a digital filtered lock detect pin, an analog lock detect pin (push-pull or open drain output), or
used to view the output of the variousR&N dividers.
MUX[3:0]
Ftest/LD Output Pin Function
Output Type
0
0
0
0
Disabled
High Impedance
0
0
0
1
General Purpose I/O. Logic HIGH Output
Push-Pull
0
0
1
0
General Purpose I/O. Logic LOW Output
Push-Pull
0
0
1
1
RF & IF Analog Lock Detect (Width of
narrow low pulses determines lock)
Open-Drain
0
1
0
0
RF Analog Lock Detect (Width of narrow
low pulses determines lock)
Open-Drain
0
1
0
1
IF Analog Lock Detect (Width of narrow
low pulses determines lock)
Open-Drain
0
1
1
0
RF & IF Digital Lock Detect (High = Lock)
Push-Pull
0
1
1
1
RF Digital Lock Detect (High = Lock)
Push-Pull
1
0
0
0
IF Digital Lock Detect (High = Lock)
Push-Pull
1
0
0
1
RF & IF Analog Lock Detect (Width of
narrow low pulses determines lock)
Push-Pull
1
0
1
0
RF Analog Lock Detect (Width of narrow
low pulses determines lock)
Push-Pull
1
0
1
1
IF Analog Lock Detect (Width of narrow
low pulses determines lock)
Push-Pull
1
1
0
0
IF R Divider/2 (Output is divided by 2 to
simplify testing)
Push-Pull
1
1
0
1
IF N Divider/2 (Output is divided by 2 to
simplify testing)
Push-Pull
1
1
1
0
RF R Divider/2 (Output is divided by 2 to
simplify testing)
Push-Pull
1
1
1
1
RF N Divider/2 (Output is divided by 2 to
simplify testing)
Push-Pull
2.9.2 OSC — Single Resonator Mode
The OSC bit selects whether the oscillator input pins OSCinIF and OSCinRF drive the IF and RF R dividers separately or by a
common input signal path. When OSC is set to 0, the OSCinIF pin drives the IF R divider while the OSCinRF pin drives the RF
R divider. When the OSC bit is set to “1” the OSCinIF pin drives both the RF R and IF R counters. Note that setting the OSC mode
to “1” does not allow the use of a crystal. This part does not include the inverter for use in construction of a crystal oscillator.
2.9.3 PD_M — Power Down Mode
This bit determines if a power down event for either synthesizer will be handled synchronously or asynchronously with respect to
a charge pump event. Synchronous powerdown means that the PLL does not power down until the charge pump turns off.
Asynchronous powerdown means that the PLL powers down, regardless of the charge pump state. When set to one,
synchronous mode is enabled. When set to 0, asynchronous mode is enabled. The setting of this bit applies to both the RF & IF
synthesizers.
2.9.4 FE — Fractional Compensation Enable
For integer mode (RF_OM=0) mode, this bit should always be set to 0. For fractional mode (RF_OM = 1), this bit should be set
to 1 for the best fractional spurs. However, there may be applications using fractional mode where it would be beneficial to set
this bit to 0. Disabling this bit will drastically degrade the fractional spurs, but will also result in a small improvement in phase
noise, which may be practical for some applications.
FE
Fractional
Compensation
Circuitry
Integer
Mode
Fractional Mode
Approximate Spur
Improvement
Approximate Phase
Noise
Degradation
0
Disabled
Default State
0 dB
0 dB
1
Enabled
Illegal State
20 dB
7 dB
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com