Electronic Components Datasheet Search
  English  ▼

X  

G771 Datasheet(PDF) 15 Page - Global Mixed-mode Technology Inc

Part # G771
Description  Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G771 Datasheet(HTML) 15 Page - Global Mixed-mode Technology Inc

Back Button G771 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 14Page - Global Mixed-mode Technology Inc G771 Datasheet HTML 15Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Ver: 0.2 Preliminary
Dec 11, 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
15
G771
Global Mixed-mode Technology Inc.
Package Information
Note:
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless other wise specified
4.Controlling dimension is millimeter converted inch dimensions are not necessarily exact.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOLS
MIN
NOM
MAX
MIN
NOM
MAX
A
1.35
1.60
1.75
0.053
0.064
0.069
A1
0.10
-----
0.25
0.004
-----
0.010
A2
-----
1.45
-----
-----
0.057
-----
b
0.20
0.25
0.30
0.008
0.010
0.012
C
0.19
-----
0.25
0.007
-----
0.010
D
4.80
-----
5.00
0.189
-----
0.197
E
5.80
-----
6.20
0.228
-----
0.244
E1
3.80
-----
4.00
0.150
-----
0.157
e
-----
0.64
-----
-----
0.25
-----
L
0.40
-----
1.27
0.016
-----
0.050
y
-----
-----
0.10
-----
-----
0.004
θ
0º
-----
8º
0º
-----
8º
Taping Specification
D
E1
E
7
° (4X)
A1
A2
A
e
b
y
C
L
θ
Feed Direction
Typical SSOP Package Orientation
Feed Direction
Typical SSOP Package Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com