Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0720 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-0720
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0720 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0720 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Electrical Specifications
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at TA = +25°C, VDD1 = VDD2 = +5 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
DC Specifications
Logic Low Input
IDD1L
6.0
10.0
mA
VI = 0 V
2
Supply Current
Logic High Input
IDD1H
1.5
3.0
mA
VI = VDD1
Supply Current
Output Supply Current
IDD2L
5.5
9.0
mA
IDD2H
7.0
9.0
Input Current
II
–10
10
µA
Logic High Output
VOH
4.4
5.0
V
IO = -20 µA, VI = VIH
1, 2
Voltage
4.0
4.8
IO = -4 mA, VI = VIH
Logic Low Output
VOL
0
0.1
V
IO = 20 µA, VI = VIL
Voltage
0.1
V
IO = 400 µA, VI = VIL
0.5
1.0
IO = 4 mA, VI = VIL
Switching Specifications
Propagation Delay Time
tPHL
20
40
ns
CL = 15 pF
3, 6
3
to Logic Low Output
CMOS Signal Levels
Propagation Delay Time
tPLH
23
40
to Logic High Output
Pulse Width
PW
40
Data Rate
25
MBd
Pulse Width Distortion
PWD
7721/0721 36ns
7
4
|tPHL - tPLH|
7720/0720 38ns
Propagation Delay Skew
tPSK
20
5
Output Rise Time
tR
9ns
(10 - 90%)
Output Fall Time
tF
8ns
(90 - 10%)
Common Mode
|CMH|10
20
kV/
µsV
I = VDD1, VO >6
Transient Immunity at
0.8 VDD1,
Logic High Output
VCM = 1000 V
Common Mode
|CML|10
20
VI = 0 V, VO > 0.8 V,
Transient Immunity at
VCM = 1000 V
Logic Low Output
Input Dynamic Power
CPD1
60
pF
7
Dissipation
Capacitance
Output Dynamic Power
CPD2
10
Dissipation
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com