Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0720 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-0720
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0720 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0720 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Notes:
1. Absolute Maximum ambient operating
temperature means the device will not be
damaged if operated under these conditions.
It does not guarantee functionality.
2. The LED is ON when VI is low and OFF when
VI is high.
3. tPHL propagation delay is measured from the
50% level on the falling edge of the VI signal
to the 50% level of the falling edge of the VO
signal. tPLH propagation delay is measured
from the 50% level on the rising edge of the
VI signal to the 50% level of the rising edge of
the VO signal.
4. PWD is defined as |tPHL - tPLH|.
%PWD (percent pulse width distortion) is
equal to the PWD divided by pulse width.
5. tPSK is equal to the magnitude of the worst
case difference in tPHL and/or tPLH that will
be seen between units at any given
temperature within the recommended
operating conditions.
6. CMH is the maximum common mode voltage
slew rate that can be sustained while
maintaining VO > 0.8 VDD2. CML is the
maximum common mode voltage slew rate
that can be sustained while maintaining
VO < 0.8 V. The common mode voltage slew
rates apply to both rising and falling common
mode voltage edges.
7. Unloaded dynamic power dissipation is
calculated as follows: CPD * VDD2 * f + IDD *
VDD, where f is switching frequency in MHz.
8. Device considered a two-terminal device:
pins 1, 2, 3, and 4 shorted together and pins
5, 6, 7, and 8 shorted together.
9. In accordance with UL1577, each HCPL-072X
is proof tested by applying an insulation test
voltage
≥4500 V
RMS for 1 second (leakage
detection current limit, II-O ≤5 µA). Each
HCPL-772X is proof tested by applying an
insulation test voltage
≥4500 Vrms for 1
second (leakage detection current limit.
II-O ≤ 5 µA.)
10. The Input-Output Momentary Withstand
Voltage is a dielectric voltage rating that
should not be interpreted as an input-output
continuous voltage rating. For the continuous
voltage rating refer to your equipment level
safety specification or Agilent Application
Note 1074 entitled “Optocoupler Input-Output
Endurance Voltage.”
11. CI is the capacitance measured at pin 2 (VI).
Figure 1. Typical output voltage vs. input
voltage.
Figure 2. Typical input voltage switching
threshold vs. input supply voltage.
Figure 3. Typical propagation delays vs.
temperature.
0
0
VI (V)
5
4
1
4
12
3
5
3
2
0 °C
25 °C
85 °C
4.5
1.6
VDD1 (V)
5.5
2.1
1.7
5.25
4.75
5
2.2
2.0
1.8
1.9
0 °C
25 °C
85 °C
0
15
TA (C)
80
27
17
60
20
30
29
25
19
21
10
40
50
70
23
TPLH
TPHL
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
072X
VISO
3750
Vrms
RH
≤50%,
8, 9,
Withstand Voltage
772X
3750
t = 1 min.,
10
TA = 25°C
Resistance
RI-O
1012
Ω
VI-O = 500 Vdc
8
(Input-Output)
Capacitance
CI-O
0.6
pF
f = 1 MHz
(Input-Output)
Input Capacitance
CI
3.0
11
Input IC Junction-to-Case
-772X
θ
jci
145
°C/W Thermocouple
Thermal Resistance
-072X
160
located at center
Output IC Junction-to-Case
-772X
θ
jco
140
underside of package
Thermal Resistance
-072X
135
Package Power Dissipation
PPD
150
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com