Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0720 Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part # HCPL-0720
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0720 Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0720 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 18Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Power Supplies and Bypassing
The recommended PROFIBUS
application circuit is shown in
Figure 23. Since the HCPL-772X/
072X are fully compatible with
CMOS logic level signals, the
optocoupler is connected directly
to the transceiver. Two bypass
capacitors (with values between
0.01 and 0.1
µF) are required and
should be located as close as
possible to the input and output
power-supply pins of the
HCPL-772X/072X. For each
capacitor, the total lead length
between both ends of the
capacitor and the power supply
pins should not exceed 20 mm.
The bypass capacitors are
required because of the high-
speed digital nature of the signals
inside the optocoupler.
Being very similar to multi-station
RS485 systems, the HCPL-061N
optocoupler provides a transmit
disable function which is
necessary to make the bus free
after each master/slave
transmission cycle. Specifically,
the HCPL-061N disables the
transmitter of the line driver by
putting it into a high state mode.
In addition, the HCPL-061N
switches the RX/TX driver IC into
the listen mode. The HCPL-061N
offers HCMOS compatibility and
the high CMR performance
(1 kV/
µs at V
CM = 1000 V)
essential in industrial
communication interfaces.
Figure 23. Recommended PROFIBUS application circuit.
1
2
3
8
6
4
7
5
VDD2
VO
GND2
VDD1
VIN
GND1
HCPL-772x
HCPL-072x
8
7
6
1
3
5
2
4
VDD1
VIN
GND1
VDD2
VO
GND2
HCPL-772x
HCPL-072x
5 V
0.01 µF
0.01 µF
0.01
µF
0.01
µF
R
A
SN75176B
VCC
GND
DE
B
0.01
µF
ISO 5 V
1 M
0.01 µF
+
–
GALVANIC
ISOLATION
BOUNDARY
5 V
ISO 5 V
RE
D
1
4
3
2
Rx
ISO 5 V
Tx
8
7
6
1
3
5
2
4
ANODE
VCC
VO
GND
5 V
0.01
µF
ISO 5 V
Tx ENABLE
CATHODE
VE
680
Ω
HCPL-061N
1, 0 k
Ω
5
7
6
8
RT
SHIELD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com