Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0720 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-0720
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0720 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-0720 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0720 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Package Outline Drawing
HCPL-772X 8-Pin DIP Package
Selection Guide
8-Pin DIP
Small Outline
(300 Mil)
SO-8
Data Rate
PWD
HCPL-7721
HCPL-0721
25 MB
6 ns
HCPL-7720
HCPL-0720
25 MB
8 ns
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXXV
YYWW
DATE CODE
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
5° TYP.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
TYPE NUMBER
*OPTION 300 AND 500 NOT MARKED.
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
OPTION 060 CODE*
3.56 ± 0.13
(0.140 ± 0.005)
Ordering Information
Specify Part Number followed by Option Number (if desired)
Example
HCPL-7720#XXXX
060 = IEC/EN/DIN EN 60747-5-2 Option.
300 = Gull Wing Surface Mount Option (HCPL-7720 only).
500 = Tape and Reel Packaging Option.
XXXE = Lead Free Option.
No Option and Option 300 contain 50 units (HCPL-772X), 100 units (HCPL-072X) per tube.
Option 500 contain 1000 units (HCPL-772X), 1500 units (HCPL-072X) per reel.
Option data sheets available. Contact Agilent sales representative or authorized distributor.
Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July 2001 and lead free option will use “–”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com