Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-0721
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0721 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-0721 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
All Agilent data sheets report the
creepage and clearance inherent
to the optocoupler component
itself. These dimensions are
needed as a starting point for the
equipment designer when
determining the circuit insulation
requirements. However, once
mounted on a printed circuit
board, minimum creepage and
clearance requirements must be
met as specified for individual
equipment standards. For
creepage, the shortest distance
path along the surface of a
printed circuit board between the
solder fillets of the input and
output leads must be considered.
There are recommended
techniques such as grooves and
ribs which may be used on a
printed circuit board to achieve
desired creepage and clearances.
Creepage and clearance distances
will also change depending on
factors such as pollution degree
and insulation level.
Insulation and Safety Related Specifications
Value
Parameter
Symbol
772X
072X
Units
Conditions
Minimum External Air
L(I01)
7.1
4.9
mm
Measured from input terminals to output
Gap (Clearance)
terminals, shortest distance through air.
Minimum External
L(I02)
7.4
4.8
mm
Measured from input terminals to output
Tracking (Creepage)
terminals, shortest distance path along body.
Minimum Internal Plastic
0.08
0.08
mm
Insulation thickness between emitter and
Gap (Internal Clearance)
detector; also known as distance through
insulation.
Tracking Resistance
CTI
≥175
≥175
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking
Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89,
Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com