Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-0721
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0721 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0721 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Figure 4. Typical pulse width distortion vs.
temperature.
Figure 5. Typical rise time vs. temperature.
Figure 6. Typical fall time vs. temperature.
Figure 7. Typical propagation delays vs.
output load capacitance.
Figure 8. Typical pulse width distortion vs. output
load capacitance.
Figure 9. Thermal derating curve, dependence of safety limiting value with case temperature per
IEC/EN/DIN EN 60747-5-2.
0
0
TA (C)
80
3
60
20
4
1
40
2
0
8
TA (C)
80
10
60
20
11
9
40
0
2
TA (C)
80
6
60
20
7
3
40
5
4
0
0
TA – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
175
(150)
PS (mW)
IS (mA)
SURFACE MOUNT SO8 PRODUCT
15
15
CI (pF)
50
27
40
29
17
30
23
21
25
20
35
45
19
25
TPLH
TPHL
15
0
CI (pF)
50
5
40
6
1
30
3
25
20
35
45
2
4
0
0
TA – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
175
(230)
PS (mW)
IS (mA)
STANDARD 8 PIN DIP PRODUCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com