Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HCPL-0721
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0721 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0721 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 18Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Figure 20. Isolated node providing power to the network.
Isolated Node Providing Power to
the Network
Figure 20 shows a node providing
power to the network. The AC line
powers a regulator which
provides five (5) volts locally. The
AC line also powers a 24 volt
isolated supply, which powers the
network, and another five-volt
regulator, which, in turn, powers
the transceiver and isolated
(network) side of the two
optocouplers. This method is
recommended when there are a
limited number of devices on the
network that don’t require much
power, thus eliminating the need
for separate power supplies.
More importantly, the unique
“dual-inverting” design of the
HCPL-772X/072X ensure the
network will not “lock-up” if
either AC line power to the node
is lost or the node powered-off.
Specifically, when input power
(VDD1) to the HCPL-772X/072X
located in the transmit path is
eliminated, a RECESSIVE bus
state is ensured as the
HCPL-772X/072X output voltage
(VO) go HIGH.
NODE/APP SPECIFIC
uP/CAN
HCPL
772x/072x
HCPL
772x/072x
TRANSCEIVER
5 V REG.
V+ (SIGNAL)
V– (SIGNAL)
V+ (POWER)
V– (POWER)
GALVANIC
ISOLATION
BOUNDARY
AC LINE
DRAIN/SHIELD
SIGNAL
POWER
ISOLATED
SWITCHING
POWER
SUPPLY
5 V REG.
DEVICENET NODE
Figure 19. Isolated node with transceiver powered by the network.
NODE/APP SPECIFIC
uP/CAN
HCPL
772x/072x
HCPL
772x/072x
TRANSCEIVER
NON ISO
5 V
REG.
NETWORK
POWER
SUPPLY
V+ (SIGNAL)
V– (SIGNAL)
V+ (POWER)
V– (POWER)
GALVANIC
ISOLATION
BOUNDARY
AC LINE
DRAIN/SHIELD
SIGNAL
POWER
*HCPL
772x/072x
* OPTIONAL FOR BUS V + SENSE
node with an un-powered isolated
Physical Layer will accumulate
errors and become bus-off if it
attempts to transmit. The Bus V+
sense signal would be used to
change the BOI attribute of the
DeviceNet Object to the “auto-
reset” (01) value. Refer to Volume
1, Section 5.5.3. This would cause
the node to continually reset until
bus power was detected. Once
power was detected, the BOI
attribute would be returned to the
“hold in bus-off” (00) value. The
BOI attribute should not be left in
the “auto-reset” (01) value since
this defeats the jabber protection
capability of the CAN error
confinement. Any inexpensive
low frequency optical isolator can
be used to implement this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com