Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-0721
Description  40 ns Propagation Delay CMOS Optocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0721 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0721 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-0721 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Application Information
Bypassing and PC Board Layout
The HCPL-772X/072X
optocouplers are extremely easy
to use. No external interface
circuitry is required because the
HCPL-772X/072X use high-speed
CMOS IC technology allowing
CMOS logic to be connected
directly to the inputs and outputs.
As shown in Figure 10, the only
external components required for
proper operation are two bypass
capacitors. Capacitor values
should be between 0.01
µF and
0.1
µF. For each capacitor, the
total lead length between both
ends of the capacitor and the
power-supply pins should not
exceed 20 mm. Figure 11
illustrates the recommended
printed circuit board layout for
the HPCL-772X/072X.
Figure 10. Recommended printed circuit board layout.
Figure 11. Recommended printed circuit board layout.
Propagation Delay, Pulse-Width
Distortion and Propagation Delay Skew
Propagation Delay is a figure of
merit which describes how quickly
a logic signal propagates through a
system. The propagation delay
from low to high (tPLH) is the
amount of time required for an
input signal to propagate to the
output, causing the output to
change from low to high.
Similarly, the propagation delay
from high to low (tPHL) is the
amount of time required for the
input signal to propagate to the
output, causing the output to
change from high to low. See
Figure 12.
Figure 12.
INPUT
tPLH
tPHL
OUTPUT
VI
VO
10%
90%
90%
10%
VOH
VOL
0 V
50%
5 V CMOS
2.5 V CMOS
7
5
6
8
2
3
4
1
GND2
C1
C2
NC
VDD2
NC
VO
VDD1
VI
C1, C2 = 0.01 µF TO 0.1 µF
GND1
VDD2
C1
C2
VO
GND2
VDD1
VI
GND1
C1, C2 = 0.01 µF TO 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com