Electronic Components Datasheet Search
  English  ▼

X  

TS4100 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TS4100 Datasheet HTML 2Page - Silicon Laboratories TS4100 Datasheet HTML 3Page - Silicon Laboratories TS4100 Datasheet HTML 4Page - Silicon Laboratories TS4100 Datasheet HTML 5Page - Silicon Laboratories TS4100 Datasheet HTML 6Page - Silicon Laboratories TS4100 Datasheet HTML 7Page - Silicon Laboratories TS4100 Datasheet HTML 8Page - Silicon Laboratories TS4100 Datasheet HTML 9Page - Silicon Laboratories TS4100 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2.1.7 Charge Pump Effect Considerations
The on-resistance of a MOSFET is inversely proportional to the overdrive voltage in the region where MOSFETS are used as switches.
Conventional analog switch/multiplexers derive their overdrive voltage directly from the supply voltage and common mode input volt-
age; hence, the on-resistance varies with the supply voltage or common mode input voltage.
The TS4100-TS4102 maintains a flat on-resistance that is independent of the supply voltage or common mode input voltage. To ach-
ieve this, a charge pump scheme is implemented where a constant overdrive voltage is applied across the MOSFET. The charge pump
is refreshed at a period of 40 μs with a time period variation of up to 2X.
In applications where input and output impedance is high in the order of MΩs, transients generated by the charge pump can couple to
the input and output of the device. The pulse width of the spikes is 10-s of nanoseconds. The amplitudes of the spikes are independent
of the operating conditions, such as temperature, common mode input voltage and supply voltage.
The figures below show a scope capture of these spikes with an input/output impedance of 1 MΩ and 10 MΩ. With an input/output
impedance of 1 MΩ and 10 MΩ, the amplitude of the spikes is less than 200 μV and 500 μV, respectively.
If these spikes are of a concern in the application, placing a 500 pF capacitor to ground at the input or output will suppress the spikes.
Figure 2.3. Charge Pump Spike (RNO/COM = 1 MΩ)
TS4100/01/02 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com