Electronic Components Datasheet Search
  English  ▼

X  

TS4100 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button TS4100 Datasheet HTML 8Page - Silicon Laboratories TS4100 Datasheet HTML 9Page - Silicon Laboratories TS4100 Datasheet HTML 10Page - Silicon Laboratories TS4100 Datasheet HTML 11Page - Silicon Laboratories TS4100 Datasheet HTML 12Page - Silicon Laboratories TS4100 Datasheet HTML 13Page - Silicon Laboratories TS4100 Datasheet HTML 14Page - Silicon Laboratories TS4100 Datasheet HTML 15Page - Silicon Laboratories TS4100 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
3. Electrical Characteristics
Table 3.1. Recommended Operating Conditions1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Analog Switch
Analog Signal Range
VNO/C, VCOM
0
5.25
V
On Resistance
RON
0.8 V ≤ VDD < 1.25 V
ICOM = 1 mA
TA = 25 ºC
98
105
Ω
135
Ω
1.25 V ≤ VDD ≤ 5.25 V
ICOM = 1 mA
TA = 25 ºC
80
90
Ω
130
Ω
On Resistance Flat-
ness
RONFLAT
0 V ≤ VNO/C ≤ 5.25 V
ICOM = 1 mA2,3
TA = 25 ºC
1
%
1.5
%
On-Resistance Match
Between channels
ΔRON
VDD = 5 V
VNO/C = 5 V
ICOM = 1 mA4
2.25
9
Ω
NO/NC Off-Leakage
Current
INO/NC(OFF)
VDD = 5.25 V
VNO/C = 0 V or 5.25 V
VCOM = 0 V or 5.25 V
INH = 5.25 V5
TA = 25 ºC
–0.5
0.5
nA
–2
2
nA
TS4100-TS4102
COM Off-Leakage
Current
ICOM(OFF)
VDD = 5.25 V
VNO/C = 0 V or 5.25 V
VCOM = 0 V or 5.25 V
INH = 5.25 V5
TA = 25 ºC
–0.5
0.5
nA
–2
2
nA
COM On-Leakage
Current
ICOM(ON)
VDD = 5.25 V, VNO/C =
VCOM = 5.25 V5
TA = 25 ºC
–0.5
0.5
nA
–4
4
nA
Digital I/O
ADDA/B/C, INH Input
Logic High
VIH
0.6
V
ADDA/B/C, INH Input
Logic Low
VIL
0.2
V
ADDA/B/C, INH Input
Leakage Current
IIH, IIL
VINH = VADDA/B/C = 0
or 5.25 V
–2
2
nA
Switch Dynamic Characteristics
TS4100/01/02 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com