Electronic Components Datasheet Search
  English  ▼

X  

TS4100 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # TS4100
Description  Precision Measurement
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button TS4100 Datasheet HTML 10Page - Silicon Laboratories TS4100 Datasheet HTML 11Page - Silicon Laboratories TS4100 Datasheet HTML 12Page - Silicon Laboratories TS4100 Datasheet HTML 13Page - Silicon Laboratories TS4100 Datasheet HTML 14Page - Silicon Laboratories TS4100 Datasheet HTML 15Page - Silicon Laboratories TS4100 Datasheet HTML 16Page - Silicon Laboratories TS4100 Datasheet HTML 17Page - Silicon Laboratories TS4100 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Table 3.2. Absolute Maximum Ratings1
Parameter
Symbol
Conditions
Min
Max
Units
Supply Voltage
VDD
–0.3
+5.5
V
Analog Signal Voltage
VNO/C, VCOM
–0.3
+5.5
V
Digital Signal Voltage
VADDA/B/C, VINH
–0.3
VDD + 0.3
Analog Peak Current
INO/C, ICOM
±15
mA
Continuous Power Dissipation
PD
TA = +70 °C2
1398
mW
Operating Temperature
–40
+85
°C
Storage Temperature
–65
+150
°C
Lead Temperature (Soldering,
10 s)
+300
°C
ESD Tolerance
Human Body Model
1000
V
Machine Model
200
V
Note:
1. Electrical and thermal stresses beyond those listed in this table may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sec-
tions of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect
device reliability and lifetime.
2. Derate at 17.5 mW/°C above +70 °C.
TS4100/01/02 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com