Electronic Components Datasheet Search
  English  ▼

X  

P4890K Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # P4890K
Description  1.4 Watt Audio Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P4890K Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

Back Button P4890K Datasheet HTML 2Page - Aplus Intergrated Circuits P4890K Datasheet HTML 3Page - Aplus Intergrated Circuits P4890K Datasheet HTML 4Page - Aplus Intergrated Circuits P4890K Datasheet HTML 5Page - Aplus Intergrated Circuits P4890K Datasheet HTML 6Page - Aplus Intergrated Circuits P4890K Datasheet HTML 7Page - Aplus Intergrated Circuits P4890K Datasheet HTML 8Page - Aplus Intergrated Circuits P4890K Datasheet HTML 9Page - Aplus Intergrated Circuits P4890K Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
INTEGRATED CIRCUITS INC.---
aP4890K
7 / 10
ver1.2
APPLICATION INFORMATION :
BRIDGED CONFIGURATION EXPLANATION
As shown in Figure 1, the AP4890K has two operational amplifiers internally, allowing for a few
Different amplifier configurations. The first amplifier’s gain is externally configurable, while the
second amplifier is internally fixed in a unity-gain, inverting configuration. The closed-loop gain of
the first amplifier is set by selecting the ratio of Rf to RIN while the second amplifier’s gain is fixed
by the two internal 20kΩ resistors.
Figure 1 shows that the output of amplifier one serves as the input to amplifier two which results
in both amplifiers producing signals identical in magnitude, but out of phase by 180°.
Consequently, the differential gain for the IC is
AVD= 2 X ( Rf / RIN ) ………………………………………………………………(1)
By driving the load differentially through outputs Vo1 and Vo2, an amplifier configuration
commonly referred to as “bridged mode” is established. Bridged mode operation is different from
the classical single-ended amplifier configuration where one side of the load is connected to
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com