Electronic Components Datasheet Search
  English  ▼

X  

P4890K Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # P4890K
Description  1.4 Watt Audio Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P4890K Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  P4890K Datasheet HTML 1Page - Aplus Intergrated Circuits P4890K Datasheet HTML 2Page - Aplus Intergrated Circuits P4890K Datasheet HTML 3Page - Aplus Intergrated Circuits P4890K Datasheet HTML 4Page - Aplus Intergrated Circuits P4890K Datasheet HTML 5Page - Aplus Intergrated Circuits P4890K Datasheet HTML 6Page - Aplus Intergrated Circuits P4890K Datasheet HTML 7Page - Aplus Intergrated Circuits P4890K Datasheet HTML 8Page - Aplus Intergrated Circuits P4890K Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
INTEGRATED CIRCUITS INC.---
aP4890K
2 / 10
ver1.2
PIN DESCRIPTION :
SYMBOL
Pin No
DESCRIPTION
SHUTDOWN
1
Shutdown the device. (when LOW level is shutdown mode)
BYPASS
2
Bypass pin
+IN
3
Positive Input
-IN
4
Negative Input
Vo1
5
Negative output
VDD
6
Power Supply
GND
7
Ground
Vo2
8
Positive Output
ABSOLUTE MAXIMUM RATINGS :
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
6.0
V
Operating Temperature
TA
-40 to 85(I grade)
℃
Input Voltage
VI
-0.3V to VDD +0.3V
V
Storage Temperature
TSTG
-65 to 150
℃
Power Dissipation
PD
Internally Limited
W
ESD Susceptibility
VESD
2000
V
Junction Temperature
TJMAX
150
℃
Soldering Temperature (under 10 sec)
TSOLDER
260
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com