Electronic Components Datasheet Search
  English  ▼

X  

P4890K Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # P4890K
Description  1.4 Watt Audio Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P4890K Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  P4890K Datasheet HTML 1Page - Aplus Intergrated Circuits P4890K Datasheet HTML 2Page - Aplus Intergrated Circuits P4890K Datasheet HTML 3Page - Aplus Intergrated Circuits P4890K Datasheet HTML 4Page - Aplus Intergrated Circuits P4890K Datasheet HTML 5Page - Aplus Intergrated Circuits P4890K Datasheet HTML 6Page - Aplus Intergrated Circuits P4890K Datasheet HTML 7Page - Aplus Intergrated Circuits P4890K Datasheet HTML 8Page - Aplus Intergrated Circuits P4890K Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INTEGRATED CIRCUITS INC.---
aP4890K
5 / 10
ver1.2
DC ELECTRICAL CHARACTERISTICS (TA=25℃) :
PARAMETER
SYMBOL
TEST CONDITION
MIN TYP MAX UNIT
Power Supply Current
IDD
VIN = 0V, IO =
0A,8Ω Load
VDD
=5V
-
6.0
18.0
mA
VDD
=3V
-
5.0
15.0
mA
Shutdown Current
ISD
VSHUTDOWN = VDD
-
0.1
2.0
μA
Output Offset Voltage
VOS
-
7.0
50.0
mV
Resistor Output to GND
ROUT-GND
-
9.5
-
kΩ
Output Power
Po
THD = 10%,
f=1kHz,RL=8Ω
VDD
=5V
-
1.4
-
W
THD = 1%,
f=1kHz ,RL=8Ω
-
1.1
-
THD = 10%,
f=1kHz,RL=8Ω
VDD
=3V
-
480
-
mW
THD = 1%,
f=1kHz,RL=8Ω
-
375
-
Total Harmonic
Distortion+ Noise
THD+N
Po=780 mWrms;
f = 1kHz
VDD
=5V
-
0.1
-
%
Po=265 mWrms;
f = 1kHz
VDD
=3V
-
0.12
-
%
Power Supply Rejection Ratio
PSRR
Vripple= 200mV
sine p-p,
Input = Floating
VDD
=5V
-
66
(Ps1)
-
dB
VDD
=3V
-
62
(Ps2)
-
dB
Wake-up time
TWU
Bypass
Cap.=1.0uF
VDD
=5V
-
145
-
Ms
VDD
=3V
-
82
-
ms
Thermal Shutdown
Temperature
TSD
150
170
190
℃
Shut Down Time
TSDT
8 Ω load
-
1.0
-
ms
ps1 : 66 dB( 217Hz ) / 66 dB( 1KHz )
ps2 : 62 dB( 217Hz ) / 62 dB( 1KHz )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com