Electronic Components Datasheet Search
  English  ▼

X  

P4890K Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # P4890K
Description  1.4 Watt Audio Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P4890K Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  P4890K Datasheet HTML 1Page - Aplus Intergrated Circuits P4890K Datasheet HTML 2Page - Aplus Intergrated Circuits P4890K Datasheet HTML 3Page - Aplus Intergrated Circuits P4890K Datasheet HTML 4Page - Aplus Intergrated Circuits P4890K Datasheet HTML 5Page - Aplus Intergrated Circuits P4890K Datasheet HTML 6Page - Aplus Intergrated Circuits P4890K Datasheet HTML 7Page - Aplus Intergrated Circuits P4890K Datasheet HTML 8Page - Aplus Intergrated Circuits P4890K Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS INC.---
aP4890K
1 / 10
ver1.2
aP4890K --- 1.4 Watt Audio Power Amplifier
FEATURES :
2.5V~5.5V Power supply.
Thermal shutdown Protection.
Low current shutdown mode
No output capacitors and networks or bootstrap
capacitors required
Low noise during turn-on and turn-off transitions
Shutdown pin high active.
GENERAL DESCRIPTION :
The AP4890K is a 1.4 Watt audio power amplifier. And the AP4890K primarily designed for high
Quality application in other portable communication device.
It is capable of driving 8Ω speaker load at a continuous average output of 1.4W / 10% distortion
(THD+N) from a 5.0V power supply. A feature of the AP4890K amplifier to switch BTL mode. And
the AP4890K audio amplifier features low power consumption shutdown mode. It is achieved by
driving the shutdown pin with logic high. Besides the AP4890K has an internal thermal shutdown
protection feature.
The AP4890K amplifier was designed specifically to provide high quality output power with a
minimal amount of external components. The AP4890K does not require output capacitors, and
the AP4890K is ideally suited for other low voltage applications or portable electronic devices
where minimal power consumption is a primary requirement.
APPLICATION :
Portable electronic devices
Mobile Phones
PDAs


Similar Part No. - P4890K

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
P48-21-00 SYSTEMSENSOR-P48-21-00 Datasheet
169Kb / 2P
High-Temperature Duct Smoke Detector
P48-55-00 SYSTEMSENSOR-P48-55-00 Datasheet
289Kb / 4P
4-Wire Ionization Duct Smoke Detector
logo
Red Lion Controls. Inc
P4800011 REDLION-P4800011 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Teccor Electronics
P4802A TECCOR-P4802A Datasheet
1Mb / 212P
solid state crowbar devices
logo
Littelfuse
P4802AAL LITTELFUSE-P4802AAL Datasheet
154Kb / 3P
Two-chip SIDACtor
More results

Similar Description - P4890K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
8 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8893 LYONTEK-LY8893 Datasheet
287Kb / 5P
1.4 Watt Audio power Amplifier with Active-high shutdown mode
LY8895 LYONTEK-LY8895 Datasheet
271Kb / 5P
1.4 Watt Audio power Amplifier
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
2.7 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
1.1 Watt Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com