Electronic Components Datasheet Search
  English  ▼

X  

AN1467 Datasheet(PDF) 5 Page - Microchip Technology

Part # AN1467
Description  High-Power CC/CV Battery Charger Using an Inverse SEPIC (Zeta) Topology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1467 Datasheet(HTML) 5 Page - Microchip Technology

  AN1467 Datasheet HTML 1Page - Microchip Technology AN1467 Datasheet HTML 2Page - Microchip Technology AN1467 Datasheet HTML 3Page - Microchip Technology AN1467 Datasheet HTML 4Page - Microchip Technology AN1467 Datasheet HTML 5Page - Microchip Technology AN1467 Datasheet HTML 6Page - Microchip Technology AN1467 Datasheet HTML 7Page - Microchip Technology AN1467 Datasheet HTML 8Page - Microchip Technology AN1467 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2012 Microchip Technology Inc.
DS01467A-page 5
AN1467
THE SOFTWARE CONTROL LOOP
EXAMPLE 1:
THE VOLTAGE/CURRENT CONTROL LOOP
PIC16F1503 is one of the enhanced core devices,
which benefit from the recent line of peripherals, such
as the NCO (Numerically Controlled Oscillator), CWG
(Complementary Wave Generator) or CLC (Configu-
rable Logic Cell). To implement a software-controlled
regulation loop, the user needs:
- 2 ADC inputs (10-bit or better recommended)
for monitoring output voltage and current.
- 1 NCO output for the converter control signal
- 1 Timer for the main timer tick
- (optional) LED signaling, serial interface for
logging and button
The main control loop is based on TIMER0, which is
configured to overflow 4MHz/256/16 = 976.56 times
per second, using the 1:16 prescaler. This is the timer
tick used for the PI loop.
Every timer period, output voltage (VOUT) and current
(IOUT) is read (4 samples each) and stored. Since there
is only one regulation loop, the firmware must decide if
it needs to regulate the current or voltage at a certain
time. The decision is simple enough: if the read voltage
is over the set voltage reference, the converter will limit
the voltage; if the read current is over the set current
reference, then the converter will limit the current.
The function cc_cv_mode() takes care of the transi-
tions between the two working modes, and the variable
cmode shows whether the current or voltage is
currently regulated. This variable is also important for
the topping stage of the battery charging algorithms.
The function also uses a fast debouncing counter, that
prevents erratic jumping between the constant voltage
and Constant Current mode in boundary conditions.
Regulating the voltage or current is very simple.
Depending on the value of cmode, the PI function is
called with different parameters:
- pid(vout, vref) for voltage or
- pid(iout, iref) for current
The variables vref and iref are the output voltage
and
current
limits.
The
special
macros
SET_VOLTAGE(x) and SET_CURRENT(x), which
modify these variables, allow the state machine to
change the charging parameters transparently.
The PI function operates on the NCO increment,
practically varying the duty cycle by varying the
frequency. The NCO operates in Pulse Frequency
mode configured for a 2 µsec pulse. This means the
converter operates using a fixed on-time, the duty cycle
raises proportionally with the frequency, and the
on-time value allows 15 bits of frequency resolution. At
500 kHz, we have 100% duty cycle, so the maximum
increment value is clamped to 29500 (out of 32768),
which gives 450 kHz or 90% duty.
void main()
{
Initialize_Hardware();
while(1)
{
if(T0IF)
{
T0IF = 0;
if(second) second--;
read_ADC();
cc_cv_mode();
if(!cmode) pid(vout, vref); else
pid(iout, iref);
}
if(!second)
{
second = SECOND_COUNT;
Battery_State_Machine();
}
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com