| Electronic Components Datasheet Search |
|
AN1467 Datasheet(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AN1467 Datasheet(HTML) 8 Page - Microchip Technology |
|
8 / 16 page ![]() AN1467 DS01467A-page 8 2012 Microchip Technology Inc. BATTERYCHARGER.H The Charger State Machine FIGURE 8: CHARGER STATE MACHINE Please note that the state machine has been designed with basic functionality and simplicity in mind, and it may be further improved depending on the final application. There are 6 states: - PRECHARGE – will charge using a low cur- rent setting (usually C/10) until the voltage exceeds the defined cut-off voltage. This is necessary for Li-Ion chemistries and for Ni-Zn. Lead-acid type batteries should not need this, and the trickle current may be the same as the full charge current. In this case, the battery will switch to CHARGE after one state machine update (1 second). - CHARGE – will charge using the defined full current setting. Once the converter goes into Constant Voltage mode, the state machine starts monitoring output current. When the minimum output current threshold has been reached or the current does not decrease for a certain time (flat current), the state machine switches to either FLOAT (for lead-acid) or DONE for the rest of the chemistries. If the stop current was below the battery detection threshold, it will go directly to IDLE (battery removed). This is useful to quickly stop charging if there is no battery. If a time out occurs before any of these conditions are triggered, then the state machine will switch to FAULT. PRECHAR GE SET_CURRENT(ILIM_PRECHA RGE) SET_VOLTAGE(CHARGIN G_VOLTAGE) Init St ate Machine FAULT Timeout Timeout CHARGE S ET_CURRENT(ILIM) SET_VOLTAGE(CHARGIN G_VOLTAGE) VSEN SE > CUTOFF VSEN SE > CUTOFF DON E St op converter FLOAT SET_CUR RENT(ILIM ) SET_VOLTAGE(FLOATING_VOLTAGE) ISENSE < ISTOP ISENSE flat only for lead-acid ISENSE < ISTOP ISENSE flat only for lead-acid ISENSE < ISTOP ISENSE flat ISENSE < ISTOP ISENSE flat Tim eout Tim eout STANDBY m ode enabled OCV < threshold STANDBY m ode enabled OCV < threshold IDLE Stop converter ISENSE < I_BAT_DETECT ISENSE < I_BAT_DETECT ISE NSE < I_BAT_DETECT or STANDBY m ode not enabled ISE NSE < I_BAT_DETECT or STANDBY m ode not enabled BUTTON BUTTON BUTTON BUTTON BUTTON from anywhere, if not IDLE BUTTON from anywhere, if not IDLE Timeout Timeout |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |