Electronic Components Datasheet Search
  English  ▼

X  

AN1467 Datasheet(PDF) 2 Page - Microchip Technology

Part # AN1467
Description  High-Power CC/CV Battery Charger Using an Inverse SEPIC (Zeta) Topology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1467 Datasheet(HTML) 2 Page - Microchip Technology

  AN1467 Datasheet HTML 1Page - Microchip Technology AN1467 Datasheet HTML 2Page - Microchip Technology AN1467 Datasheet HTML 3Page - Microchip Technology AN1467 Datasheet HTML 4Page - Microchip Technology AN1467 Datasheet HTML 5Page - Microchip Technology AN1467 Datasheet HTML 6Page - Microchip Technology AN1467 Datasheet HTML 7Page - Microchip Technology AN1467 Datasheet HTML 8Page - Microchip Technology AN1467 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AN1467
DS01467A-page 2
 2012 Microchip Technology Inc.
In the first cycle, Q1 is closed and the current begins to
flow in the primary inductor L1 and through the load via
the coupling capacitor C1 and inductor L2. In the
second cycle, Q2 is closed and the energy stored in the
L2 inductor is delivered to the load. The energy stored
in the main inductor L1 will be reset to its initial value
through the coupling capacitor C1.
The typical waveforms of the ZETA converter are
presented in Figure 3. The continuous current flow on
the load is maintained by the output inductor L2. The
voltage across the main switch (Q1) is the sum of the
input and output voltages as is the case with the SEPIC
converter. The voltage stress across the main switch is
higher and can increase the switching losses of Q1.
The two inductors can be magnetically coupled,
sharing the same magnetic core. This can greatly
reduce the current ripple, as the mutual inductance will
double the apparent value of the inductors.
FIGURE 3:
TYPICAL WAVEFORMS FOR THE ZETA CONVERTER
If the converter operates in Continuous Current Mode
(CCM) and reaches the steady state, the volt-second
balance principle can be applied to determine the DC
transfer function (transformation ratio).
EQUATION 1:
STEADY STATE ANALYZE
EQUATION 2:
VOLT-SECOND BALANCE
The DC transfer function can be found by solving this
system of equations.
EQUATION 3:
DC TRANSFER FUNCTION
For a duty cycle (D) lower than 50%, the ZETA
performs as a buck converter, and for duty cycle higher
than 50%, as the boost converter. As this converter
requires high and low side switches, it can be imple-
mented using drivers developed for the synchronous
buck converter, like the MCP14628. However, some
technical challenges must be solved before using the
MCP14628 synchronous buck driver. As can be seen
from the waveforms, the main switching node (SW)
goes below ground. The typical application for the
MCP14628 synchronous buck converter must be
modified in order to avoid damage of the chip when the
SW node goes below ground.
VL1
VIN
=
VL2
VIN VC1 VOUT
–
+
=
VL1
V
–
C1
=
VL2
V
OUT
–
=
“On State”
“Off State”
D *V
IN
VC1 VOUT
–
+

1 D
–
 * V
OUT
0
=
–
D * V
IN
1 D
–
 * V
C1
0
=
–
V
OUT
D
1 D
–
------------- * V
IN
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com