Electronic Components Datasheet Search
  English  ▼

X  

AN1467 Datasheet(PDF) 9 Page - Microchip Technology

Part # AN1467
Description  High-Power CC/CV Battery Charger Using an Inverse SEPIC (Zeta) Topology
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1467 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AN1467 Datasheet HTML 5Page - Microchip Technology AN1467 Datasheet HTML 6Page - Microchip Technology AN1467 Datasheet HTML 7Page - Microchip Technology AN1467 Datasheet HTML 8Page - Microchip Technology AN1467 Datasheet HTML 9Page - Microchip Technology AN1467 Datasheet HTML 10Page - Microchip Technology AN1467 Datasheet HTML 11Page - Microchip Technology AN1467 Datasheet HTML 12Page - Microchip Technology AN1467 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2012 Microchip Technology Inc.
DS01467A-page 9
AN1467
- FLOAT – works in Constant Voltage mode
(typically 2.25V/cell). It is necessary for
lead-acid batteries to maintain full charge
(counter battery self-discharge). This state
has a time out, which switches to DONE
when it expires. After a defined battery relax-
ation period, it checks the battery current
and, if it is below the battery detection thresh-
old, it switches to IDLE. The “relaxation”
period is necessary after switching from the
charging voltage to the lower, floating volt-
age. Until the battery voltage relaxes, there
will be no current flowing to the battery and
the state machine might incorrectly detect
that the battery has been removed. The big-
ger the battery (capacity), the slower the
relaxation.
- DONE – is the final state for fully charged
batteries. The converter is stopped, but, if a
special STANDBY_MODE is enabled, then this
state will monitor the OC voltage of the bat-
tery and jump back to CHARGE, when it
drops too much. This way all types of batter-
ies can be maintained near full charge for
extended periods of time. This even works for
Li-Ion, if the voltage threshold is chosen care-
fully. If STANDBY_MODE is not enabled, this
state will switch automatically to IDLE.
- IDLE – stops the converter and does not do
anything, except wait for user input. A button
press will re-initialize the state machine and
start the charging process. To automate the
process, it is simple enough to add output
voltage monitoring that will start charging
when a battery is connected.
- FAULT – stops the converter and waits for
the user input. A button press will change the
state to IDLE.
One LED is used to signal the current charger state to
the user. The LED on/off states and blinking rates are
defined in Hardware.h (blinking rate depends on the
timer tick period). Each charger state sets the LED
behavior:
- LED off – IDLE state
- LED blinking 0.5Hz – PRECHARGE and
CHARGE states
- LED on – FLOAT and DONE states
- LED blinking 2 Hz – FAULT state
Charger Variables and Functions
The charger needs a few variables to keep track of the
battery parameters. Most of the variables are internal,
but some of them are also available to the main
program loop.
- battery_state – holds the current charg-
ing state of the battery charger. Since the
charger accepts only one battery, there is no
reason to differentiate between the state of
the charger and the state of the battery. This
variable is available to the main program
loop.
enum charge_states { IDLE = 0, FAULT
= 1, DONE = 2, PRECHARGE = 3, CHARGE
= 4, FLOAT = 5 };
- state_counter – is used as a time-out
counter for certain states:
• PRECHARGE will switch to FAULT on time
out
• CHARGE will switch to FAULT on time out
• FLOAT will switch to DONE on time out
- imin – is the minimum current value
recorded during the constant voltage phase
of the CHARGE state. When the value of this
variable falls below the minimum current
threshold (calculated as a fraction of the
battery capacity), the topping charge is done.
- imin_db – is the minimum current debounc-
ing counter. When the value of ISENSE is
smaller than imin for IMIN_UPDATE times in
a row, imin is updated with the value of
ISENSE
- iflat_db – is the flat current debouncing
counter. This counter is reset every time
imin is updated. When it reaches zero, it
triggers an end of charge condition.
The charger library has two functions:
1.
Init_State_Machine() will initialize the
state
machine
debouncing
and
time-out
counters, set the charging voltage and current
limits and start the converter. This function
should be called when starting to charge from
IDLE (basically, a new battery is inserted).
2.
Battery_State_Machine() contains the
code for each of the charger/battery state
machine and will handle state transitions based
on the measured current and voltage values.
This function expects to be called every second,
otherwise the time-out counters will measure a
different interval.
THE BATTERY CHEMISTRY
DEFINITION FILES
Lead-acid.h, LiCo.h, LiFePO.h and NiZn.h contain
example definitions for charging these chemistries.
As mentioned before, the values in the definition files
depend on the charger hardware implementation and
the number of ADC samples taken on each measure-
ment. In this case, we have a 10-bit ADC with a 5V
reference, and 4 samples are taken for every measure-
ment. The output current shunt is 5 mOhms, amplified
101 times. The output voltage divider is ¼.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com