Electronic Components Datasheet Search
  English  ▼

X  

LD20 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LD20
Description  Low flow sensing up to 1200 ml/h (20 ml/min)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD20 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LD20 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LD20 Liquid Flow Sensor Series
www.sensirion.com
Preliminary version 0.6 – December 2016
3/6
3 Communication with the Sensor (Preliminary data, subject to change)
The LD20-2600B flow sensor shows bi-directional,
linear transfer characteristics. The product comes fully
calibrated for water.
Digital sampling time, 16 bit
74 ms
Digital sampling time, 9 bit
1 ms
3.1 Electrical Specifications
Parameter
Conditions
Min. Typ. Max. Units
Power supply
DC, VDD
Sensor only
3.3
3.5
3.7
V
Operating
current
VDD = 3.5 V
5.1
mA
Table 2: DC characteristics
3.2 Electrical Connector and Pad Assignment
The liquid flow sensor is equipped with metal contact
pads for electrical connection.g
Pad
Description
1
SDA (data)
2
SCL (clock)
3
VDDD
4
VDDA
5
GND
Table 3: Electrical pad layout
g
Please note, that the electrical connector provided as part of the
evaluation kit for testing purposes will not be commercially
available. Its design is in the scope of the customer.
3.3 Digital Communication via I²C-Bus
Digital communication between a master and the
LD20 sensor runs via the standard I²C-interface. The
physical interface consists of two bus lines, a data line
(SDA) and a clock line (SCL) which need to be
connected via pull-up resistors to the bus voltage of
the system. By default, the I2C address is set to 64
(hexadecimal: 40, binary: 1000000).
These lines can be used on the 3.3 V level with a
clock frequency of 100 kHz. For the detailed
specifications of this I²C communication, please refer
to the specific I²C Application Notes from Sensirion.
Parameter
Min.
Typ. Max. Units
I2C bus clock frequency
100
kHz
Output voltage low
(SDA/SCL), Isink = 6 mA
0.1
0.5
V
Low level output current
(SDA/SCL)
6
mA
High level input voltage
(SDA/SCL)
2.0
V
Low level input voltage
(SDA/SCL)
1.0
V
Table 4: I²C output characteristics
1 … 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com