Electronic Components Datasheet Search
  English  ▼

X  

LD20 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LD20
Description  Low flow sensing up to 1200 ml/h (20 ml/min)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD20 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LD20 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LD20 Liquid Flow Sensor Series
www.sensirion.com
Preliminary version 0.6 – December 2016
4/6
4 Fluidic Specifications and Connections
Parameter
LD20-0600x
LD20-1300x
LD20-2600B
Wetted materials
3D-printed samples are available on
request
Polyetherimide (PEI),
Liquid-Crystal-Polymer (LCP),
medical-grade adhesive
Fluidic connector ports (fittings)
Barbed fittings for 3D printed samples
(Final fitting design to be defined)
Barbed fittings
OD of barbed fittings
1.75 mm
tbd
4.0 mm
Recommended tubing ID for barbed fittings
1.6 mm (1/16”)
tbd
3.2 mm (1/8”)
Pressure drop (at full scale flow rate, H2O, 23 °C)
<1.0 mbar
tbd
< 0.2 mbar
Table 5: Fluidic specifications and connections
5 Mechanical Specifications
Parameter
LD20-0600x
LD20-1300x
LD20-2600B
Largest dimensions
~ 35.4 x 15 x 12 mm
tbd
~ 48 x 15 x 12 mm
Total mass
tbd
tbd
1.7 g
Inner diameter
~ 0.8 mm
tbd
~ 2.6 mm
Table 6: Mechanical specifications
Figure 2: Dimensions of LD20-2600B (in mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com