Electronic Components Datasheet Search
  English  ▼

X  

LD20 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LD20
Description  Low flow sensing up to 1200 ml/h (20 ml/min)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD20 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LD20 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LD20 Liquid Flow Sensor Series
www.sensirion.com
Preliminary version 0.6 – December 2016
5/6
6 Order Information
The LD20 Evaluation Kit contains:
3 pcs disposable liquid flow sensors of type
LD20-2600B
Base station used as a reusable electrical
interface connector (prototype)
PC Software (Viewer & Data Export Tool)
SCC1-USB Sensor Cable with USB connector
for plug-and-play connection to a PC.
Product
Article Number
LD20-2600B Liquid Flow Sensor with barbed fittings
1-101564-01
Base station for LD20 series (prototype)
1-101481-01
SCC1-USB sensor cable
1-101007-01
Evaluation Kit LD20-2600B
1-101431-02
Table 7: Order information
3D-printed samples of the small (LD20-0600x) and medium (LD20-1300x) LD20 versions are available on request also
as part of an Evaluation Kit. Please contact Sensirion.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com