Electronic Components Datasheet Search
  English  ▼

X  

LD20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LD20
Description  Low flow sensing up to 1200 ml/h (20 ml/min)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LD20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LD20 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 4Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 5Page - List of Unclassifed Manufacturers LD20 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.sensirion.com
Preliminary version 0.6 – December 2016
1/6
LD20 Liquid Flow Sensor Series – PROTOTYPE
Single-Use Flow Sensor for Biomedical Applications
Low flow sensing up to 1200 ml/h (20 ml/min)
Luer lock or barbed fluidic connectors
Millisecond-fast response time
Product Summary
The LD20 liquid flow sensor series enables precise and
reliable measurements of dynamic liquid flow rates
from a few hundred µl/h up to 1200 ml/h bi-
directionally. This sensor has been designed for single-
use applications in the biomedical field. The LD20
series is still being developed. Thus any specification
can be subject to change in the future (performance,
fittings, communication, etc.).
Electrical Interface:
Digital
- I2C-Bus
For more information on communication, please refer
to section 3 of this document (preliminary).
1 Sensor Performance (Preliminary data, subject to change)
The following Table 1 lists preliminary specifications of the current prototypes. Please contact Sensirion if different
specifications are required.
3D-printed samples of the small (LD20-0600) and medium (LD20-1300) LD20 versions are available on request.
Please contact Sensirion.
Parameter
LD20-0600x
LD20-1300x
LD20-2600B
Unit
H2O Full scale flow rate
20 (0.3)
250 (4.2)
1000 (16.6)
ml/h (ml/min)
H2O Sensor output limita
25 (0.4)
300 (5)
1300 (21.67)
ml/h (ml/min)
Accuracy below full scale
(whichever error is larger)
tbd
tbd
5
% of m.v.b
tbd
tbd
0.25
% of full scale
Repeatability below full scale
(whichever error is larger)
tbd
tbd
0.5
% of m.v.
tbd
tbd
0.025
% of full scale
Temperature coefficientc
(additional error / °C; whichever is larger)
tbd
tbd
0.2
% m.v. / °C
tbd
tbd
0.01
% full scale / °C
Mounting orientation sensitivityd
tbd
tbd
1.0
% of full scale
Flow detection response time
63
tbd
tbd
tbd
ms
a
Flow rate at which the sensor output saturates. See section 2 for performance between full scale and saturation point.
b
Measured value
c
Additional accuracy error for temperatures deviating from 23 °C.
d
Maximum additional offset when flow channel is vertical.


Similar Part No. - LD20

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LD20 AVX-LD20 Datasheet
55Kb / 2P
Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD20 AVX-LD20 Datasheet
52Kb / 2P
High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
MORNSUN Science& Techno...
LD20-10B03 MORNSUN-LD20-10B03 Datasheet
424Kb / 6P
AC/DC Converter
LD20-10B05 MORNSUN-LD20-10B05 Datasheet
424Kb / 6P
AC/DC Converter
LD20-10B12 MORNSUN-LD20-10B12 Datasheet
424Kb / 6P
AC/DC Converter
More results

Similar Description - LD20

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLBAWT-A1-0000-000V51 CREE-MLBAWT-A1-0000-000V51 Datasheet
555Kb / 7P
XLamp ML-B LEDs
ML-B CREE-ML-B Datasheet
1Mb / 10P
Cree® XLamp® ML-B LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
Cree® XLamp® ML-E LEDs
REV 1
logo
Tyco Electronics
1393586-6 MACOM-1393586-6 Datasheet
152Kb / 1P
Steckverbinder, ML, kompakt Header...
logo
Littelfuse
V18MLA1210H LITTELFUSE-V18MLA1210H Datasheet
1Mb / 11P
ML Varistor Series
logo
Panasonic Semiconductor
AZ7310 PANASONIC-AZ7310 Datasheet
698Kb / 20P
ML (AZ7) Limit Switch
logo
Cherry Semiconductor Co...
ML CHERRY-ML Datasheet
453Kb / 3P
Keymodule ML
logo
Molex Electronics Ltd.
0934941000 MOLEX1-0934941000 Datasheet
38Kb / 1P
ML-XT Blind Cavity Plug
logo
List of Unclassifed Man...
ML-250-S1AXF-2P ETC-ML-250-S1AXF-2P Datasheet
473Kb / 1P
ML-250-S1AXF
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com