Electronic Components Datasheet Search
  English  ▼

X  

SDP800 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SDP800
Description  Excellent repeatability, no drift, no offset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP800 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SDP800 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 13Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
www.sensirion.com
Version 0.5 – January 2017
12/14
6.3
Footprint
Figure 3: Footprint for PCB mounting (top view = sensor side). All dimensions in mm.
A: Overall sensor dimensions
B: Holes for additional mounting screws (optional)
In case the sensor is not mounted on a PCB and is connected with a cable the SDP800/SDP600 series cap is recommended.
7.
Soldering
Standard wave soldering systems may be used for soldering SDP800 series sensors. Reflow soldering is not feasible and
may damage the sensor.
The sensor ports must be protected from solder splash and flux during soldering. Figure 4 shows an appropriate temperature
profile with maximum temperature values.
Figure 4: Suitable wave soldering profile.
The characteristics of wave soldering machines vary, so any soldering setup must be tested before production use.
200°C
150°C
100°C
50°C
0°C
250°C
Start
Flux zone
Preheat zone
Entrance to solder Wave
Exit from solder Wave
Solder Wave Peak
Temp. Max. 260°C
Max 145°C
Approx. PCB bottom-
side temp.
PCB top-side
temperature
Approx.
1 min
(Time in wave < 2 s)
A
B
SCL VDD
GND SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com