Electronic Components Datasheet Search
  English  ▼

X  

SDP800 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SDP800
Description  Excellent repeatability, no drift, no offset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP800 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SDP800 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.sensirion.com
Version 0.5 – January 2017
5/14
4. Measurement Modes
The SDP8xx-Digital is a highly versatile differential pressure sensor and is very flexible regarding the measurement speed.
This flexibility not only allows for optimizing the sensor’s performance to a specific application, but also for adapting the sensor
to different use cases. For example, in one use case the sensor is detecting the smallest and quickest changes, whereas at
another time the sensor can measure in larger intervals while consuming only little energy.
4.1
Continuous Mode vs Triggered Mode
In continuous mode the sensor is measuring at the highest speed and writes the measurement values to the I2C results buffer,
where the I2C master can read out the value when it requires.
In triggered mode the sensor is default in an idle state and wakes up when the command is sent. It then powers up the heater
and does a measurement. During this time the sensor doesn’t acknowledge any I2C read header or stretches the clock. When
the measurement is finished the sensor returns to the idle state and makes the measurement result available to be read out.
For more details see chapter 5.3.3.
Continuous mode
Triggered mode
Description
Measures continuously
Measures once after command is sent
Measurement speed and
rate
Measurement result can be read out
continuously and at any time, but not faster
than 0.5ms.
Measurement result is available in +/- 45ms
after command.
Clock stretching is available.
Measurement method
Sensor configuration is optimized for speed
and accuracy.
Sensor configuration is optimized for low
power consumption.
Recommended use
Best used where speed and accuracy are
most important.
Best used where energy consumption is
more important than speed.
4.2
Continuous Mode and ‘Average till Read’
In continuous measurement modes a new measurement result is available every 0.5ms. A new value can be read out every
0.5ms.
If the ‘average till read’ option is chosen, the sensor averages all values (xi) prior to the read out. This has the benefit that the
user can read out the sensor at its own desired speed, without losing information and thus prevents aliasing. During the first
25 ms of averaging the averaged value is obtained as the arithmetic mean.
����̅ = ∑
��������
����
����
����=1
for ���� < 25 ms
When the reading speed is even slower than 25 ms, the sensor will continue to average, but with another algorithm. In this
algorithm exponential smoothing is used, with a smoothing factor
���� = 0.05.
�������� = ���� ∙ �������� + (1 − ����) ∙ ��������−1,
����0 = ����,
̅
for ���� > 25 ms
Where S0 is the arithmetic value after the first 25 ms.
Please refer to relevant literature for more information about exponential smoothing.
4.3
Temperature Compensation Modes and Absolute Pressure Dependency
The SDP8xx is temperature compensated both for differential pressure and for mass flow compensated differential pressure.
In use cases where the SDP8xx is used to measure mass flow it is advised to use mass flow temperature compensation. In
this case no absolute pressure compensation is required.
For more information about temperature and absolute pressure compensation for differential pressure sensors, for example
volume flow measurements in bypass, refer to the selection guide in the differential pressure download center on our website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com