Electronic Components Datasheet Search
  English  ▼

X  

SDP800 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SDP800
Description  Excellent repeatability, no drift, no offset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP800 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SDP800 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.sensirion.com
Version 0.5 – January 2017
3/14
2. Specifications
2.1
Electrical Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Comments
Supply Voltage
VDD
3.0
5.5
V
Power-up/down level
VPOR
2.3
2.5
2.7
V
Supply current
IDD
Measuring
3.8
5.5
mA
Idle state
1.1
mA
Sleep mode
1
uA
2.2
Timing Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Comments
Power-up time
tPU
25
ms
Time to sensor ready
Soft reset time
tSR
2
ms
Time between soft
reset command or exit
sleep mode and
sensor ready
I2C SCL frequency
fI2C
400
1000
kHz
Update rate differential
pressure value
Continuous mode
1800
2000
2200
Hz
Update rate
temperature value
Continuous mode
112.5
125
137.5
Hz
Temperature value is
updated once every
16 pressure values
Measurement time
Triggered mode
40
45
50
ms
2.3
Mechanical Specifications
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Comments
Allowable overpressure
Pmax
1
bar
Rated burst pressure
Pburst
5
bar
Weight
W
6
g
2.4
Materials
Parameter
Wetted materials
PBT (polybutylene terephthalate), glass (silicon nitride, silicon oxide), silicon, gold, FR4, silicone as static
sealing, epoxy, copper alloy, lead-free solder
REACH, RoHS
REACH and RoHS compliant
2.5
Absolute Minimum and Maximum Ratings
Parameter
Rating
Units
Supply Voltage VDD
-0.3 to 5.5
V
Max Voltage on pins (SDA, SCL)
-0.3 to VDD+0.3
V
Input current on any pin
±70
mA
Operating temperature range1
-40 to +85
°C
Storage temperature range
-40 to +85
°C
Max. humidity for long term exposure
40°C dew point
ESD HBM (human body model)
2
kV
1 For Air and N2. Long term exposure to (high concentrations of) O2 at high temperatures can reduce the product lifetime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com