Electronic Components Datasheet Search
  English  ▼

X  

SDP800 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SDP800
Description  Excellent repeatability, no drift, no offset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP800 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SDP800 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP800 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.sensirion.com
Version 0.5 – January 2017
6/14
5. Digital Interface Description
The SDP8xx-digital interface is compatible with the I2C protocol. This chapter describes the command set for SDP8xx-digital.
For detailed information about the I2C protocol, please check the document "NXP I2C-bus specification and user manual".
5.1
I2C Address
The I2C address for SDP8xx-digital is 0x25 (b 0100101). The address is followed by a read or write bit.
For other I2C addresses contact Sensirion.
5.2
I2C Sequences
The commands are 16-bit. Data is read from the sensor in multiples of 16-bit words, each followed by an 8-bit checksum to
ensure communication reliability.
I2C master writes 16 bit command
I2C master sends read header and receives multiple 16bit words with CRC byte.
Dark areas with white text indicate that the sensor controls the SDA (Data) line.
I2C sequences can be aborted with a NACK and STOP condition.
5.3
I2C Commands
The command set of the SDP8xx-digital consists of a set of different commands:
-
Continuous measurement
o
Start Continuous measurement commands
o
Stop measurement command
-
Triggered measurement commands
-
Soft reset
-
Entering and exiting sleep mode
-
Read product identifier and serial number
S
W
I2CAdr[6:0]
Cmd[15:8]
Cmd[7:0]
S
R
I2CAdr[6:0]
Data1[15:8]
Data1[7:0]
CRC1[7:0]
P
Data2[15:8]
Data2[7:0]
CRC2[7:0]
P
or
DataX[15:8]
DataX[7:0]
CRCX[7:0]
P
or
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com