Electronic Components Datasheet Search
  English  ▼

X  

MJE13007 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MJE13007
Description  Switch-mode NPN Bipolar Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE13007 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MJE13007 Datasheet HTML 2Page - ON Semiconductor MJE13007 Datasheet HTML 3Page - ON Semiconductor MJE13007 Datasheet HTML 4Page - ON Semiconductor MJE13007 Datasheet HTML 5Page - ON Semiconductor MJE13007 Datasheet HTML 6Page - ON Semiconductor MJE13007 Datasheet HTML 7Page - ON Semiconductor MJE13007 Datasheet HTML 8Page - ON Semiconductor MJE13007 Datasheet HTML 9Page - ON Semiconductor MJE13007 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MJE13007
www.onsemi.com
7
VOLTAGE REQUIREMENTS (continued)
In the four application examples (Table 2) load lines are
shown in relation to the pulsed forward and reverse biased
SOA curves.
In circuits A and D, inductive reactance is clamped by the
diodes shown. In circuits B and C the voltage is clamped by
the output rectifiers, however, the voltage induced in the
primary leakage inductance is not clamped by these diodes
and could be large enough to destroy the device. A snubber
network or an additional clamp may be required to keep the
turn−off load line within the Reverse Bias SOA curve.
Load lines that fall within the pulsed forward biased SOA
curve during turn−on and within the reverse bias SOA curve
during turn−off are considered safe, with the following
assumptions:
1. The device thermal limitations are not exceeded.
2. The turn−on time does not exceed 10
ms
(see standard pulsed forward SOA curves in Figure 6).
3. The base drive conditions are within the specified
limits shown on the Reverse Bias SOA curve (Figure 7).
CURRENT REQUIREMENTS
An efficient switching transistor must operate at the
required current level with good fall time, high energy
handling capability and low saturation voltage. On this data
sheet, these parameters have been specified at 5.0 amperes
which represents typical design conditions for these devices.
The current drive requirements are usually dictated by the
VCE(sat) specification because the maximum saturation
voltage is specified at a forced gain condition which must be
duplicated or exceeded in the application to control the
saturation voltage.
SWITCHING REQUIREMENTS
In many switching applications, a major portion of the
transistor power dissipation occurs during the fall time (tfi).
For this reason considerable effort is usually devoted to
reducing the fall time. The recommended way to accomplish
this is to reverse bias the base−emitter junction during
turn−off. The reverse biased switching characteristics for
inductive loads are shown in Figures 12 and 13 and resistive
loads in Figures 10 and 11. Usually the inductive load
components will be the dominant factor in SWITCHMODE
applications and the inductive switching data will more
closely represent the device performance in actual
application. The inductive switching characteristics are
derived from the same circuit used to specify the reverse
biased SOA curves, (see Table 1) providing correlation
between test procedures and actual use conditions.
SWITCHING TIME NOTES
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power
supplies and any coil driver, current and voltage waveforms
are not in phase. Therefore, separate measurements must be
made on each waveform to determine the total switching
time. For this reason, the following new terms have been
defined.
tsv = Voltage Storage Time, 90% IB1 to 10% Vclamp
trv = Voltage Rise Time, 10−90% Vclamp
tfi = Current Fall Time, 90−10% IC
tti = Current Tail, 10−2% IC
tc = Crossover Time, 10% Vclamp to 10% IC
An enlarged portion of the turn−off waveforms is shown
in Figure 12 to aid in the visual identity of these terms. For
the designer, there is minimal switching loss during storage
time and the predominant switching power losses occur
during the crossover interval and can be obtained using the
standard equation from AN222A:
PSWT = 1/2 VCCIC(tc) f
Typical inductive switching times are shown in Figure 13.
In general, trv + tfi ≅ tc. However, at lower test currents this
relationship may not be valid.
As is common with most switching transistors, resistive
switching is specified at 25
°C and has become a benchmark
for designers. However, for designers of high frequency
converter circuits, the user oriented specifications which
make this a “SWITCHMODE” transistor are the inductive
switching speeds (tc and tsv) which are guaranteed at 100
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com