Electronic Components Datasheet Search
  English  ▼

X  

MJE13007 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MJE13007
Description  Switch-mode NPN Bipolar Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE13007 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MJE13007 Datasheet HTML 2Page - ON Semiconductor MJE13007 Datasheet HTML 3Page - ON Semiconductor MJE13007 Datasheet HTML 4Page - ON Semiconductor MJE13007 Datasheet HTML 5Page - ON Semiconductor MJE13007 Datasheet HTML 6Page - ON Semiconductor MJE13007 Datasheet HTML 7Page - ON Semiconductor MJE13007 Datasheet HTML 8Page - ON Semiconductor MJE13007 Datasheet HTML 9Page - ON Semiconductor MJE13007 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MJE13007
www.onsemi.com
8
SWITCHING PERFORMANCE
12
3
4
5
6
7
8 9 10
IC, COLLECTOR CURRENT (AMP)
Figure 10. Turn−On Time (Resistive Load)
VCC = 125 V
IC/IB = 5
IB(on) = IB(off)
TJ = 25°C
PW = 25
ms
23
4
5
6
7
8 9 10
IC, COLLECTOR CURRENT (AMP)
Figure 11. Turn−Off Time (Resistive Load)
1
IC, COLLECTOR CURRENT (AMP)
0.1
0.2
0.3
0.5 0.7
1
2
3
5
7
10
Figure 12. Inductive Switching
Measurements
TIME
Figure 13. Typical Inductive Switching Times
10000
1000
100
10
10000
100
200
500
700
1000
2000
5000
7000
10000
10
20
50
100
200
500
1000
2000
5000
VCC = 125 V
IC/IB = 5
IB(on) = IB(off)
TJ = 25°C
PW = 25
ms
IC/IB = 5
IB(off) = IC/2
Vclamp = 300 V
LC = 200 mH
VCC = 15 V
TJ = 25°C
ts
tf
td
tr
tc
tfi
tsv
IC
IB
Vclamp
90% IB1
90% Vclamp
90% IC
Vclamp
10%
Vclamp
10%
IC
2%
IC
tsv
trv
tfi
tti
tc



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com