Electronic Components Datasheet Search
  English  ▼

X  

7330 Datasheet(PDF) 5 Page - Mallory performance club

Part # 7330
Description  Programmable Digital-7 Plus
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7330 Datasheet(HTML) 5 Page - Mallory performance club

  7330 Datasheet HTML 1Page - Mallory performance club 7330 Datasheet HTML 2Page - Mallory performance club 7330 Datasheet HTML 3Page - Mallory performance club 7330 Datasheet HTML 4Page - Mallory performance club 7330 Datasheet HTML 5Page - Mallory performance club 7330 Datasheet HTML 6Page - Mallory performance club 7330 Datasheet HTML 7Page - Mallory performance club 7330 Datasheet HTML 8Page - Mallory performance club 7330 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
INSTALLATION INSTRUCTIONS
5
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
RAS
ON/OFF
Figure 7 Primary Wiring to a GM HEI with a 5 or 7-Pin Module (Points Trigger).
Figure 6 Primary Wiring to a GM HEI with a 4-Pin Module (Magnetic Pickup Trigger).
GM HEI DISTRIBUTOR
The 7AL-3 can be wired to the GM HEI Distributor. You must identify which module your distributor
has to determine which wiring diagram to use. Count the number of pins or terminals on the module
and follow the diagram for a 4-pin or 7-pin module.
RAS
ON/OFF
OUTPUT
RAS
IGN
TACH
START
RETARD
PNTS
M+
M-
RET #1
RET #2
RET #3
RET #4
LAUNCH
BURNOUT
COIL +
COIL -
BATT -
BATT +
TO BATTERY
NEGATIVE
TO BATTERY
POSITIVE
4-PIN MODULE
NOTE: A LOW RESISTANCE HEI ROTOR
BUSHING, PN 8412, MUST BE USED
WITH AN MSD 7AL-3 IGNITION.
PN 8861 HARNESS
(THIS HARNESS IS AVAILABLE FROM MSD)
GREEN M-
VIOLET M+
BLACK
BLACK
RED
18" BLK
ORANGE
ORANGE
KEY
CONNECTOR
WHITE
JUMPER
TO ENGINE OR
CHASSIS GROUND
HEAVY RED
OR PINK WIRE
FROM CAR
WIRING HARNESS
NOTE:MODULE AND WIRING
NEEDS TO BE REMOVED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com