Electronic Components Datasheet Search
  English  ▼

X  

7330 Datasheet(PDF) 2 Page - Mallory performance club

Part # 7330
Description  Programmable Digital-7 Plus
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7330 Datasheet(HTML) 2 Page - Mallory performance club

  7330 Datasheet HTML 1Page - Mallory performance club 7330 Datasheet HTML 2Page - Mallory performance club 7330 Datasheet HTML 3Page - Mallory performance club 7330 Datasheet HTML 4Page - Mallory performance club 7330 Datasheet HTML 5Page - Mallory performance club 7330 Datasheet HTML 6Page - Mallory performance club 7330 Datasheet HTML 7Page - Mallory performance club 7330 Datasheet HTML 8Page - Mallory performance club 7330 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
WIRING
Wiring the 7AL-3 will be simple by following the instructions. There are several color coded wires
supplied with the 7AL-3 and should be used as noted to avoid confusion or wrong connections. This
section is also broken down into two sections; Primary Wiring and Optional Wiring.
• ThePrimarysectiondesignatesthewiresthatmustbeconnectedtoruntheengine.
• TheOptionalWiringsectionexplainsthewiringofoptionalbuilt-infeaturessuchastheRevControls,
RPM Activated Switch and Retard Controls. This information starts on page 6.
WARNING: The 7AL-3 produces very high voltages. Never short the battery or coil terminals. Use
caution during installation and while working near the ignition.
PRIMARY WIRING
1. Begin wiring the MSD by connecting the wires responsible to run the engine. The terminal strip on
the left side of the box is responsible for the Power Leads and the Coil Wires. Connect the supplied
wires as follows:
Heavy Red: Connect from the “Batt +” terminal directly to the battery positive (+) terminal.
Heavy Black: Connect from the “Batt -” terminal directly to the battery negative (-) terminal.
Orange: Connect from the “Coil +” terminal to the positive terminal (+) of the coil (570V).
Black: Connect from the “Coil -” terminal to the negative terminal (-) of the coil (Ground).
2. Move to the middle terminal strip and locate the terminal marked “Ignition”. Use the supplied RED
wire and connect it to a switched 12 volt source (ignition switch).
3. If a retard function is not going to be used the supplied "zero" degree module must be installed.
See the Multi-Step Retard Section.
4. The three terminals on the bottom of the middle terminal strip receive the trigger signal from the
distributor. One terminal is for points style applications and the other two are for use with a magnetic
pickup trigger, such as an MSD Billet Distributor or Crank Trigger.
Note: The Points and Mag Pickup terminals will never be connected at the same time.
Points: If you are using a Points style distributor or electronic amplifier, only the “Points” terminal
will be used. Connect the supplied WHITE wire from the points output in the distributor to the “Pnts”
terminal (Figure 1).
Magnetic Pickup: If you are using an MSD Distributor or Crank Trigger, only the Magnetic Pickup
terminals will be used. Locate the supplied harness with a VIOLET and GREEN wire with a 2-pin
connector on one end. Connect the VIOLET wire to the
“Mag +” terminal and the GREEN wire to the “Mag -”
terminal then connect the 2-pin connector to the Distributor
(Figure 1).
Magnetic Pickup Polarity
The MSD 7AL-3 can be used with other magnetic pick-up
distributors as long as the wires are connected correctly.
The chart on the right shows the polarity of some common
magnetic pickups.
Common Mag Pickup Wires
Distributor
Colors
Mag+
Mag-
MSD
Org/Blk
Vio/Blk
MSD Crank Trigger
Violet
Green
Ford
Orange
Purple
Accel 46/48000 Series
Org/Blk
Vio/Blk
Accel 51/61000 Series
Red
Black
Chrysler
Org/Wht
Black
Mallory
Org/Blk
Vio/Blk
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com