Electronic Components Datasheet Search
  English  ▼

X  

7330 Datasheet(PDF) 1 Page - Mallory performance club

Part # 7330
Description  Programmable Digital-7 Plus
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7330 Datasheet(HTML) 1 Page - Mallory performance club

  7330 Datasheet HTML 1Page - Mallory performance club 7330 Datasheet HTML 2Page - Mallory performance club 7330 Datasheet HTML 3Page - Mallory performance club 7330 Datasheet HTML 4Page - Mallory performance club 7330 Datasheet HTML 5Page - Mallory performance club 7330 Datasheet HTML 6Page - Mallory performance club 7330 Datasheet HTML 7Page - Mallory performance club 7330 Datasheet HTML 8Page - Mallory performance club 7330 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
MSD 7AL-3, Ignition Control
PN 7330
Important: Read the instructions before attempting the installation.
Parts Included:
1 - 7AL-3, PN 7330
1 - Parts Bag (wires and connectors)
4 - RPM Modules 3000, 7000, 8000, 9000
4 - Retard Modules 2°, 3°, 4°, 5°, 10°, 15° and 20°
4 - Zero Degree Modules
4 - Vibration Mounts
WARNING: During installation, disconnect the battery cables. When disconnecting the battery,
always remove the Negative cable first and install it last.
Note: The MSD 7AL-3 will retard the ignition timing approximately 4° compared to other MSD Ignitions.
After installation, the timing should always be checked and adjusted at idle and total timing.
COIL RECOMMENDATIONS
The MSD 7AL-3 can be used with a variety of coils, but to receive the best performance, it is
recommended to use an MSD Coil. For drag racing and “short duration” applications, the Pro Power
Coil, PN 8201. For street applications or long duration racing events, the HVC Pro Power Coil, PN
8251 or PN 8261 are recommended. The 7AL-3 may be used with a GM HEI Distributor with an internal
coil, however the Rotor Bushing
must be replaced with an MSD Low Resistance Bushing, PN 8412.
MOUNTING
The 7AL-3 can be mounted under the hood, but should be mounted in a position away from direct
engine heat sources. Use the ignition as a template and mark the location of the mounting holes.
Remove the unit and drill the holes using a 1/4" bit. Install the vibration mounts to the 7AL-3 then
mount the ignition using the supplied lock washers
and nuts.
CYLINDER SELECT
This ignition can be used on 4, 6 (even-fire) or
8-cylinder engines. The ignition is set for 8-cylinder
operation. To program the unit for other engines,
remove the one screw that holds the cover to
reveal two wire loops (Figure 1). Cutting a wire loop
determines the cylinder selection.
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your
product will help if there is ever a warranty issue with your product and helps the MSD R&D
team create new products that you ask for! Go to www.msdperformance.com/registration.
Cylinders Loops to Cut
8
None
6
One
4
Two
Cut loops
Remove cap
Figure 1 Cylinder Programming.


Similar Part No. - 7330

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7330 KEYSTONE-7330 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Molex Electronics Ltd.
73300 MOLEX-73300 Datasheet
195Kb / 2P
SMPM RF Blind-Mate Connectors
2018.08
73300-0020 MOLEX-73300-0020 Datasheet
731Kb / 5P
SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
73300-0021 MOLEX-73300-0021 Datasheet
731Kb / 5P
SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
73300-0022 MOLEX-73300-0022 Datasheet
731Kb / 5P
SMPM PLUG EDGE MOUNT 50 OHMS, FULL DETENT SMPM-P/PCB, EWR-11427
2007/09/20
More results

Similar Description - 7330

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
Programmable Digital Thermostat
logo
LSI Computer Systems
LS7223 LSI-LS7223 Datasheet
28Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
SIEMENS PROGRAMMABLE DIGITAL TIMER
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Omron Electronics LLC
E5AR-T OMRON-E5AR-T Datasheet
1Mb / 12P
Programmable Digital Controller
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
Programmable Digital Controller
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
Mallory performance clu...
PN7531 MALLORY-PN7531 Datasheet
901Kb / 20P
Programmable Digital-7 Plus
7531 MALLORY-7531 Datasheet
901Kb / 20P
Programmable Digital-7 Plus
logo
Littelfuse
MPU-32 LITTELFUSE-MPU-32 Datasheet
490Kb / 2P
Programmable digital input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com