Electronic Components Datasheet Search
  English  ▼

X  

7330 Datasheet(PDF) 11 Page - Mallory performance club

Part # 7330
Description  Programmable Digital-7 Plus
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

7330 Datasheet(HTML) 11 Page - Mallory performance club

Back Button 7330 Datasheet HTML 4Page - Mallory performance club 7330 Datasheet HTML 5Page - Mallory performance club 7330 Datasheet HTML 6Page - Mallory performance club 7330 Datasheet HTML 7Page - Mallory performance club 7330 Datasheet HTML 8Page - Mallory performance club 7330 Datasheet HTML 9Page - Mallory performance club 7330 Datasheet HTML 10Page - Mallory performance club 7330 Datasheet HTML 11Page - Mallory performance club 7330 Datasheet HTML 12Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
INSTALLATION INSTRUCTIONS
11
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
WIRING CHECK
WARNING: The 7AL-3 produces very high voltages. Never short the battery or coil terminals. Use
caution during installation and while working near the ignition.
• Checkallofthewireconnectionsmakingsuretheyarecleanandtight.Ifconnectorshavebeen
crimped on make sure they are tight and sealed.
• Makesurethebatteryisfullychargedandproperlyconnected.AlsoconfirmthattheMSDpower
leads are connected properly and are tight.
• WithatestlightcheckthatthereisvoltageontheRED“Ignition”terminaloftheMSDwhenthe
ignition is in both the On and START position.
• CheckthattheonlywiresconnectedtothecoilarefromtheMSD.ORANGEshouldconnectto
the positive terminal (570V), BLACK to the negative terminal (Ground).
Note: DO NOT connect any test equipment to the coil terminals.
After checking the wiring for loose or faulty connections, follow the next steps to confirm that the unit
is “sparking” properly.
CHECKING FOR SPARK
The following procedures will determine if the ignition is producing a spark. Before proceeding, inspect
all of the wiring and ensure that the Green LED is flashing when the engine is cranked. This ensures
that the ignition is receiving a trigger signal .
Magnectic Pickup (Green and Violet):
1. Make sure the ignition is turned OFF and remove the coil wire from the distributor cap. Pull the
boot back so the terminal is easy to see and position the wire 1/2" from ground.
2. Disconnect the magnetic pickup connector from the distributor.
3. Turn the ignition switch to the ON position. DO NOT CRANK THE ENGINE.
4. Take a small lengh of wire and short the Green and Violet wires together 3 or 4 times. A spark
should jump from the coil wire to ground every time the connection is broken.
5. If there is no spark, substitute another coil and test again. If there is still no spark and all of the
wiring connections have been confirmed, contact the MSD Customer Service Line and send the
unit in for repair.
White Wire Trigger:
1. Make sure the ignition is turned OFF and remove the coil wire from the distributor cap. Pull the
boot back so the terminal is easy to see and position the wire 1/2" from ground.
2. Disconnect the White wire from the distributor.
3. Turn the ignition switch to the ON position. DO NOT CRANK THE ENGINE.
4. Tap the White wire to ground 3 or 4 times. A spark should jump from the coil wire to ground when
the white wire is removed from ground.
5. If there is no spark, substitute another coil and test again. If there is still no spark and all of the
wiring connections have been confirmed, contact the MSD Customer Service Line and send the
unit in for repair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com