Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2630 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-2630
Description  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2630 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-2630 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Recommended Operation Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
Each Channel
I
FL*
0
250
µA
Input Current, High Level
Each Channel
I
FH
515
mA
Supply Voltage, Output
V
CC
4.5
5.5
V
Fan Out (@ R
L = 1 kΩ)
Each Channel
N
5
TTL Loads
Output Pull-up Resistor
R
L
330
4 k
Ω
Operating Temperature
T
A
-40
85
°C
*The off condition can also be guaranteed by ensuring that V
FL ≤ 0.8 volts.
Absolute Maximum Ratings
(No Derating Required up to 85
°C)
Storage Temperature ................................................. -55
°C to +125°C
Operating Temperature ............................................... -40
°C to +85°C
Lead Solder Temperature (8 Pin DIP) .......................... 260
°C for 10 s
(1.6 mm below seating plane)
Average Forward Input Current
(each channel, See note 2) ...................................................... 15 mA
Reverse Input Voltage (each channel) .......................................... 5 V
Supply Voltage – V
CC
(1 Minute Maximum) ................................ 7 V
Output Collector Current – I
O (each channel) .......................... 50 mA
Output Collector Voltage – V
O (each channel)** ........................... 7 V
Output Collector Power Dissipation (each channel) ........... 60 mW[17]
Infrared and Vapor Phase Reflow
Temperature (SOIC-8 & Option #300) ............ See Thermal Profile
**Selection for higher output voltages up to 20 V is available.
Maximum Solder Reflow Thermal Profile. (Note: Use of non-chlorine activated fluxes is highly recommended.)
Thermal Profile
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com