Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2630 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-2630
Description  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2630 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-2630 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Electrical Characteristics
Over recommended temperature (TA = -40°C to +85°C) unless otherwise specified. (See note 1.)
Parameter
Sym.
Min.
Typ.*
Max.
Units
Test Conditions
Fig. Note
Input Threshold
ITH
2.5
5.0
mA
VCC = 5.5 V, IO ≥ 13 mA,
5, 15
Current
VO = 0.6 V
High Level Output
IOH
5.5
100
µAV
CC = 5.5 V, VO = 5.5 V,
2
3
Current
IF = 250 µA
Low Level Output
VCC = 5.5 V, IF = 5 mA,
3, 5,
3
Voltage
VOL
0.35
0.6
V
IOL (Sinking) = 13 mA
6, 15
High Level Supply
ICCH
10
15
mA
VCC = 5.5 V, IF = 0 mA
Current
(Both Channels)
Low Level Supply
ICCL
13
21
mA
VCC = 5.5 V, IF = 10 mA
Current
(Both Channels)
Input Forward
1.4
1.5
1.75
TA = 25°C
Voltage
VF
VIF = 10 mA
4
3
1.3
1.80
Input Reverse
BVR
5V
IR = 10 µA,
3
Breakdown Voltage
Input Capacitance
CIN
60
pF
VF = 0, f = 1 MHz
3
Input Diode
Temperature
––––
-1.6
mV/
°CI
F = 10 mA
13
Coefficient
Input-Output
VISO
2500
VRMS
RH
≤ 50%, t = 1 min
4, 12
Insulation
TA = 25°C
Opt. 020**
VISO
5000
4, 15
Input-Input
II-I
0.005
µA
RH
≤ 45%
Leakage Current
t = 5 s, VI-I = 500 V
5
Resistance
RI-I
1011
Ω
5
(Input-Input)
Capacitance
CI-I
0.03**
pF
f = 1 MHz
(Input-Input)
5
0.25***
Resistance
RI-O
1012
Ω
RH
≤ 45%
(Input-Output)
VI-O = 500 V, t = 5 s
3, 16
Capacitance
CI-O
0.6
pF
f = 1 MHz
(Input-Output)
∆V
F
∆T
A
*All typical values are at V
CC = 5 V, TA = 25°C.
**For HCPL-2630/2631/4661 only.
***For HCPL-0630/0631/0661 only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com