Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2630 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-2630
Description  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2630 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-2630 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Dual Channel, High CMR,
High Speed, TTL Compatible
Optocouplers
8 Pin DIP and SOIC-8
Technical Data
HCPL-2630 HCPL-0630
HCPL-2631 HCPL-0631
HCPL-4661 HCPL-0661
Features
• Available in 8 Pin DIP and
SOIC-8
• Internal Shield for High
Common Mode Rejection
(CMR)
HCPL-2631/0631: 10,000 V/
µs
@ V
CM = 50 V
HCPL-4661/0661: 15,000 V/
µs
@ V
CM = 1000 V
• High Density Packaging
• Low Input Current
Capability: 5 mA
• High Speed: 10 MBd
• LSTTL and TTL
Compatible
• Guaranteed AC and DC
Performance Over
Temperature: -40
°C to 85°C
• Recognized Under the
Component Program of
UL1577 (File No. E55361)
for Dielectric Withstand
Proof Test Voltages of 2500
Vrms, 1 Minute
• 5000 Vrms, 1 Minute
(Option 020) (HCPL-2630/
2631/4661)
• CSA Approved Under
Component Acceptance
Notice No. 5 (File No. CA
88324) (HCPL-2630/2631/
4661)
• Hermetic Equivalent
Device Available (HCPL-
5630/31)
• Surface Mount Gull Wing
Option Available for 8 Pin
DIP (Option 300)
Outline Drawing - 8 Pin DIP
CAUTION: The small junction sizes inherent to the design of this bipolar component increase the component's
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken
in handling and assembly of this component to prevent damage and/or degradation which may be induced by
ESD.
9.40 (0.370)
9.90 (0.390)
PIN ONE
1.78 (0.070) MAX.
1.19
(0.047)
MAX.
HP
XXXX
YYWW
TYPE NUMBER
DATE CODE
0.76 (0.030)
1.40 (0.055)
2.28 (0.090)
2.80 (0.110)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
6.10 (0.240)
6.60 (0.260)
0.18 (0.007)
0.33 (0.013)
5
° TYP.
7.36 (0.290)
7.88 (0.310)
DIMENSIONS IN MILLIMETERS AND (INCHES).
1
2
3
4
8
7
6
5
5
6
7
8
4
3
2
1
V
VO1
O2
VCC
GND
ANODE 1
CATHODE
1
CATHODE
2
ANODE
2
H


Similar Part No. - HCPL-2630

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HCPL-2630 QT-HCPL-2630 Datasheet
171Kb / 10P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2630 HP-HCPL-2630 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630 HP-HCPL-2630 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
HCPL-2630 HP-HCPL-2630 Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Fairchild Semiconductor
HCPL-2630 FAIRCHILD-HCPL-2630 Datasheet
584Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
More results

Similar Description - HCPL-2630

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com