Electronic Components Datasheet Search
  English  ▼

X  

HCPL-2630 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-2630
Description  Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2630 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-2630 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2630 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Description
These dual channel devices are
optically coupled logic gates
that combine GaAsP light
emitting diodes and integrated
high gain photodetectors. The
photons are collected in the
detector by a photodiode and the
current is amplified by a high
gain linear amplifier that drives
a Schottky clamped open
collector output transistor. Each
circuit is temperature, current
and voltage compensated. The
internal shield provides a
guaranteed common mode
transient immunity specification
of 5000 V/
µs for the HCPL-
2631/0631, and 10,000 V/
µs for
the HCPL-4661/0661.
These dual channel optocouplers
are available in an 8 Pin DIP
and in an industry standard
SOIC-8 package. The following
is a cross reference table listing
the 8 Pin DIP part number and
the electrically equivalent
SOIC-8 part number.
SOIC-8
8 Pin DIP
Package
HCPL-2630
HCPL-0630
HCPL-2631
HCPL-0631
HCPL-4661
HCPL-0661
The SOIC-8 does not require
“through holes” in a PCB. This
package occupies approximately
one-third the footprint area of
the standard dual-in-line
package. The lead profile is
designed to be compatible with
standard surface mount
processes.
The unique design provides
maximum ac and dc circuit
isolation while achieving LSTTL
and TTL compatibility. The
optocoupler ac and dc
operational parameters are
guaranteed from -40
°C to
+85
°C. The dual channel design
minimizes PCB space.
These devices are recommended
for high speed logic interfacing,
input/output buffering, and for
use as line receivers in environ-
ments that conventional line
receivers cannot tolerate. They
can be used for the digital
programming of machine
control systems, motors and
floating power supplies. The
internal shield makes the
HCPL-2631/0631/4661/0661
ideal for use in extremely high
ground or induced noise
environments.
Applications
• Isolation of High Speed
Logic Systems
• Microprocessor System
Interfaces
• Isolated Line Receiver
• Computer-Peripheral
Interfaces
• Ground Loop Elimination
• Digital Isolation for A/D,
D/A Conversion
• Power Transistor Isolation
in Motor Drives
Schematic
I F 2
HCPL-2631/0631/4661/0661 SHIELD
6
5
GND
3
4
VO2
V
F 2
I O2
USE OF A 0.1
µF BYPASS CAPACITOR CONNECTED
BETWEEN PINS 5 AND 8 IS RECOMMENDED (SEE NOTE 1).
+
–
I F 1
8
7
VCC
1
2
VO1
ICC
V
F 1
I O1
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com