Electronic Components Datasheet Search
  English  ▼

X  

ADS5270IPFP Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5270IPFP
Description  8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5270IPFP Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS5270IPFP Datasheet HTML 1Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 2Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 3Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 4Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 5Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 6Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 7Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 8Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ADS5270
SBAS293D − JANUARY 2004 − REVISED MAY 2004
www.ti.com
5
SWITCHING CHARACTERISTICS
TMIN = −40°C, TMAX = +85°C. Typical values are at TA = 25°C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V,
LVDD = 3.3V, −1dBFS, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
ADS5270
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING SPECIFICATIONS
tSAMPLE
25
50
ns
tD(A) Aperture Delay
2.5
ns
Aperture Jitter (uncertainty)
1
ps
tD(pipeline) Latency
6.5
cycles
tPROP
Propagation Delay
5
ns
SERIAL INTERFACE TIMING
Data is shifted in MSB first.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
Serial CLK Period
50
ns
t2
Serial CLK High Time
25
ns
t3
Serial CLK Low Time
25
ns
t4
Minimum Data Setup Time
5
ns
t5
Minimum Data Hold Time
5
ns
Start Sequence
t
1
MSB
D6D5
D4
D3D2
D1
D0
t
2
t
3
t
4
t
5
ADCLK
CS
SCLK
SDATA
Outputs change on
next rising clock edge
after CS goes high.
Data latched on
each rising edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com