Electronic Components Datasheet Search
  English  ▼

X  

ADS5270IPFP Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5270IPFP
Description  8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5270IPFP Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS5270IPFP Datasheet HTML 5Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 6Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 7Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 8Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 9Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 10Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 11Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 12Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ADS5270
SBAS293D − JANUARY 2004 − REVISED MAY 2004
www.ti.com
9
PIN DESCRIPTIONS
NAME
PIN #
NUMBER
OF PINS
I/O
DESCRIPTION
AVDD
1, 7, 14, 47, 54, 60, 63, 70, 75
9
I
Analog Power Supply
AVSS
4, 8, 11, 50, 53, 57, 61, 62, 68, 72-74, 79, 80
14
I
Analog Ground
LVDD
25, 35
2
I
LVDS Power Supply
LVSS
15, 17, 18, 26, 36, 43, 44, 46
8
I
LVDS Ground
IN1P
2
1
I
Channel 1 Differential Analog Input High
IN1N
3
1
I
Channel 1 Differential Analog Input Low
IN2P
5
1
I
Channel 2 Differential Analog Input High
IN2N
6
1
I
Channel 2 Differential Analog Input Low
IN3P
9
1
I
Channel 3 Differential Analog Input High
IN3N
10
1
I
Channel 3 Differential Analog Input Low
IN4P
12
1
I
Channel 4 Differential Analog Input High
IN4N
13
1
I
Channel 4 Differential Analog Input Low
IN5P
48
1
I
Channel 5 Differential Analog Input High
IN5N
49
1
I
Channel 5 Differential Analog Input Low
IN6P
51
1
I
Channel 6 Differential Analog Input High
IN6N
52
1
I
Channel 6 Differential Analog Input Low
IN7P
55
1
I
Channel 7 Differential Analog Input High
IN7N
56
1
I
Channel 7 Differential Analog Input Low
IN8P
58
1
I
Channel 8 Differential Analog Input High
IN8N
59
1
I
Channel 8 Differential Analog Input Low
REFT
67
1
I/O
Reference Top Voltage (0.1
µF capacitor to ground)
REFB
66
1
I/O
Reference Bottom Voltage (0.1
µF capacitor to ground)
VCM
65
1
O
Common-Mode Output Voltage
INT/EXT
69
1
I
Internal/External Reference Select; 0 = External, 1 = Internal
PD
16
1
I
Power-Down; 0 = Normal, 1 = Power-Down
LCLKP
19
1
O
Positive LVDS Clock
LCLKN
20
1
O
Negative LVDS Clock
ADCLK
71
1
I
Data Converter Clock Input
OUT1P
21
1
O
Channel 1 Positive LVDS Data Output
OUT1N
22
1
O
Channel 1 Negative LVDS Data Output
OUT2P
23
1
O
Channel 2 Positive LVDS Data Output
OUT2N
24
1
O
Channel 2 Negative LVDS Data Output
OUT3P
27
1
O
Channel 3 Positive LVDS Data Output
OUT3N
28
1
O
Channel 3 Negative LVDS Data Output
OUT4P
29
1
O
Channel 4 Positive LVDS Data Output
OUT4N
30
1
O
Channel 4 Negative LVDS Data Output
OUT5P
31
1
O
Channel 5 Positive LVDS Data Output
OUT5N
32
1
O
Channel 5 Negative LVDS Data Output
OUT6P
33
1
O
Channel 6 Positive LVDS Data Output
OUT6N
34
1
O
Channel 6 Negative LVDS Data Output
OUT7P
37
1
O
Channel 7 Positive LVDS Data Output
OUT7N
38
1
O
Channel 7 Negative LVDS Data Output
OUT8P
39
1
O
Channel 8 Positive LVDS Data Output
OUT8N
40
1
O
Channel 8 Negative LVDS Data Output
ADCLKP
41
1
O
Positive LVDS ADC Clock Output
ADCLKN
42
1
O
Negative LVDS ADC Clock Output
ISET
64
1
I/O
Bias Current Setting Resistor of 56k
Ω to Ground
RESET
45
1
I
Reset to Default; 0 = Reset, 1 = Normal
CS
76
1
I
Chip Select; 0 = Select, 1 = No Select
SDA
77
1
I
Serial Data Input
SCLK
78
1
I
Serial Data Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com