Electronic Components Datasheet Search
  English  ▼

X  

ADS5270IPFP Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5270IPFP
Description  8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5270IPFP Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS5270IPFP Datasheet HTML 1Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 2Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 3Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 4Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 5Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 6Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 7Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 8Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FEATURES
D Maximum Sample Rate: 40MSPS
D 12-Bit Resolution
D No Missing Codes
D Power Dissipation: 907mW
D CMOS Technology
D Simultaneous Sample-and-Hold
D 70.5dB SNR at 10MHz IF
D Internal and External References
D 3.3V Digital/Analog Supply
D Serialized LVDS Outputs
D Integrated Frame and Synch Patterns
D MSB and LSB First Modes
D Option to Double LVDS Clock Output Currents
D Pin- and Format-Compatible Family
D TQFP-80 PowerPAD Package
APPLICATIONS
D Portable Ultrasound Systems
D Tape Drives
D Test Equipment
D Optical Networking
DESCRIPTION
The ADS5270 is a high-performance, 40MSPS, 8-channel,
parallel analog-to-digital converter (ADC). Internal references
are provided, simplifying system design requirements. Low
power consumption allows for the highest of system
integration densities. Serial LVDS (low-voltage differential
signaling) outputs reduce the number of interface lines and
package size.
An integrated phase lock loop multiplies the incoming ADC
sampling clock by a factor of 12. This 12x clock is used in the
process of serializing the data output from each channel. The
12x clock is also used to generate a 1x and a 6x clock, both
of which are transmitted as LVDS clock outputs. The 6x clock
is denoted by the differential pair LCLKP and LCLKN, while the
1x clock is denoted by ADCLKP and ADCLKN. The word
output of each ADC channel can be transmitted either as MSB
or LSB first. The bit coinciding with the rising edge of the 1x
clock output is the first bit of the word. Data is to be latched by
the receiver on both the rising and falling edges of the 6x clock.
The ADS5270 provides internal references, or can optionally
be driven with external references. Best performance can be
achieved through the internal reference mode.
The device is available in a PowerPAD TQFP-80 package and
is specified over a −40
°C to +85°C operating range.
12−Bit
ADC
PLL
S/H
Serializer
1X ADCLK
6X ADCLK
IN1P
ADCLK
IN1N
OUT1P
OUT1N
12−Bit
ADC
S/H
Serializer
IN2
P
IN2N
OUT2P
OUT2N
12−Bit
ADC
S/H
Serializer
IN3P
IN3N
OUT3P
OUT3
N
LCLKP
LCLKN
ADCLKP
ADCLKN
12−Bit
ADC
S/H
Serializer
IN4P
IN4N
OUT4P
OUT4N
12−Bit
ADC
S/H
Serializer
IN5P
IN5
N
OUT5P
OUT5N
12−Bit
ADC
S/H
Serializer
IN6P
IN6N
OUT6P
OUT6N
12−Bit
ADC
S/H
Serializer
IN7P
IN7N
OUT7P
OUT7N
12−Bit
ADC
S/H
Serializer
Reference
IN8P
IN8
N
INT/EXT
OUT8P
OUT8
N
Registers
Control
ADS5270
SBAS293D − JANUARY 2004 − REVISED MAY 2004
8-Channel, 12-Bit, 40MSPS ADC
with Serial LVDS Interface
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a registered trademark of Texas Instruments. All other trademarks are the property of their respective owners.


Similar Part No. - ADS5270IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5270IPFP TI1-ADS5270IPFP Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5270IPFP TI2-ADS5270IPFP Datasheet
842Kb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
ADS5270IPFP.A TI2-ADS5270IPFP.A Datasheet
842Kb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
ADS5270IPFPG4 TI1-ADS5270IPFPG4 Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5270IPFPT TI1-ADS5270IPFPT Datasheet
1Mb / 31P
8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5270IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
logo
Maxim Integrated Produc...
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com