Electronic Components Datasheet Search
  English  ▼

X  

ADS5270IPFP Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5270IPFP
Description  8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5270IPFP Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS5270IPFP Datasheet HTML 2Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 3Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 4Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 5Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 6Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 7Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 8Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 9Page - Burr-Brown (TI) ADS5270IPFP Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADS5270
SBAS293D − JANUARY 2004 − REVISED MAY 2004
www.ti.com
6
SERIAL INTERFACE TIMING
ADDRESS
DATA
DESCRIPTION
REMARKS
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0. LVDS BUFFERS
0
0
Normal ADC Output
0
1
Deskew Pattern
Patterns Get Reversed in MSB First
Mode of LVDS
1
0
Sync Pattern
Patterns Get Reversed in MSB First
Mode of LVDS
1
1
Custom Pattern
Mode of LVDS
0
0
Output Current in LVDS = 3.5mA
0
1
Output Current in LVDS = 2.5mA
1
0
Output Current in LVDS = 4.5mA
1
1
Output Current in LVDS = 6.0mA
0
0
0
1
1. LSB/MSB MODE
D3
D2
D1
D0
Default LVDS Clock Output Current
0
X
X
1
2X LVDS Clock Output Current
0
0
X
X
LSB Mode
0
1
X
X
MSB Mode
0
0
1
0
2. POWER-DOWN ADC CHANNELS
D3
D2
D1
D0
X
X
X
X
Power-Down Channels 1 to 4; D3 is
for Channel 4 and D0 for Channel 1
Example: 1010 Powers Down
Channels 4 and 2 and Keeps
Channels 1 and 3 Alive
0
0
1
1
3. POWER-DOWN ADC CHANNELS
D3
D2
D1
D0
X
X
X
X
Power-Down Channels 5 to 8; D3 is
for Channel 8 and D0 for Channel 5
CUSTOM PATTERN (registers 4-6)
D3
D2
D1
D0
0
1
0
0
MSB
X
X
X
0
1
0
1
X
X
X
X
Bits for Custom Pattern
0
1
1
0
X
X
X
LSB
TEST PATTERNS(1)
Deskew
101010101010
Sync
000000111111
Custom
Any 12-bit pattern that is defined in the custom pattern registers 4 to 6. The output comes out in the following order:
D0(4) D1(4) D2(4) D3(4) D0(5) D1(5) D2(5) D3(5) D0(6) D1(6) D2(6) D3(6)
where, for example, D0(4) refers to the D0 bit of register 4, etc.
(1) Default is LSB first. If MSB is selected the above patterns will be reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com