Electronic Components Datasheet Search
  English  ▼

X  

PCA148X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA148X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA148X Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA148X Datasheet HTML 1Page - NXP Semiconductors PCA148X Datasheet HTML 2Page - NXP Semiconductors PCA148X Datasheet HTML 3Page - NXP Semiconductors PCA148X Datasheet HTML 4Page - NXP Semiconductors PCA148X Datasheet HTML 5Page - NXP Semiconductors PCA148X Datasheet HTML 6Page - NXP Semiconductors PCA148X Datasheet HTML 7Page - NXP Semiconductors PCA148X Datasheet HTML 8Page - NXP Semiconductors PCA148X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 Apr 21
5
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA148x series
Voltage level detector
The supply voltage is compared with the internal voltage
reference VEOL every minute. The first voltage level
detection is carried out 30 ms after RESET.
When the detected VDD voltage level is greater than VEOL,
the circuit operates in normal mode (Fig.3).
If the battery end-of-life is detected (VDD < VEOL), the
detection and stage control is switched OFF and the
waveform of stage 6 will be executed. To indicate this
condition the waveform is produced in bursts of 4 pulses
every 4 s.
Detection of motor movement
After a motor pulse, the motor is short-circuited to VDD for
1 ms. Afterwards the energy in the motor inductor will be
dissipated to measure only the current generated by the
induced motor voltage. During the time tDI (dissipation of
energy time) all switches shown in Fig.4 are open to
reduce the current as fast as possible. The current will now
flow through the diodes D3 and D2, or D4 and D1. Then
the first of 52 possible measurement cycles (tMC) starts to
measure the induced current.
Fig.4 Motor driving and detecting circuit.
MSA941
VDD
VSS
MOTOR
M1
M2
N1
D3
P1
D1
L1
L2
N2
D4
P2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com