Electronic Components Datasheet Search
  English  ▼

X  

PCA148X Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA148X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA148X Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA148X Datasheet HTML 8Page - NXP Semiconductors PCA148X Datasheet HTML 9Page - NXP Semiconductors PCA148X Datasheet HTML 10Page - NXP Semiconductors PCA148X Datasheet HTML 11Page - NXP Semiconductors PCA148X Datasheet HTML 12Page - NXP Semiconductors PCA148X Datasheet HTML 13Page - NXP Semiconductors PCA148X Datasheet HTML 14Page - NXP Semiconductors PCA148X Datasheet HTML 15Page - NXP Semiconductors PCA148X Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1998 Apr 21
12
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA148x series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Connecting the battery with reversed polarity does not destroy the circuit, but in this condition a large current flows,
which will rapidly discharge the battery.
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
advisable to take handling precautions appropriate to handling MOS devices. Advice can be found in
“Data Handbook IC16, General, Handling MOS Devices”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
VSS = 0 V; note 1
−1.8
+6
V
VI
all input voltages
VSS
VDD
V
output short-circuit duration
indefinite
Tamb
operating ambient temperature
−10
+60
°C
Tstg
storage temperature
−30
+100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com