Electronic Components Datasheet Search
  English  ▼

X  

PCA148X Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA148X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA148X Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA148X Datasheet HTML 12Page - NXP Semiconductors PCA148X Datasheet HTML 13Page - NXP Semiconductors PCA148X Datasheet HTML 14Page - NXP Semiconductors PCA148X Datasheet HTML 15Page - NXP Semiconductors PCA148X Datasheet HTML 16Page - NXP Semiconductors PCA148X Datasheet HTML 17Page - NXP Semiconductors PCA148X Datasheet HTML 18Page - NXP Semiconductors PCA148X Datasheet HTML 19Page - NXP Semiconductors PCA148X Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1998 Apr 21
16
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA148x series
APPLICATION INFORMATION
Fig.11 Typical application circuit diagram.
(1) Quartz crystal case should be connected to VDD. Stray capacitance and leakage resistance from RESET, M1 or M2 to OSC IN should be less than
0.5 pF or larger than 20 M
Ω.
(2) Motor, probe and stray capacitance from M2 or M1 to VDD or VSS should be less than CM = 80 pF for correct operation of the detection circuit.
Driving the motor at its minimum energy, probe and stray capacitance must be avoided.
MSA967
VDD
M1
M2
RESET
VSS
TEST
OSC IN
OSC OUT
C M
(2)
C M
(2)
M
(1)
1.55 V
PCA148x
SERIES
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com