Electronic Components Datasheet Search
  English  ▼

X  

PCA148X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA148X
Description  32 kHz oscillator, amplitude regulated with excellent frequency stability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA148X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA148X Datasheet HTML 2Page - NXP Semiconductors PCA148X Datasheet HTML 3Page - NXP Semiconductors PCA148X Datasheet HTML 4Page - NXP Semiconductors PCA148X Datasheet HTML 5Page - NXP Semiconductors PCA148X Datasheet HTML 6Page - NXP Semiconductors PCA148X Datasheet HTML 7Page - NXP Semiconductors PCA148X Datasheet HTML 8Page - NXP Semiconductors PCA148X Datasheet HTML 9Page - NXP Semiconductors PCA148X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 Apr 21
6
Philips Semiconductors
Product specification
32 kHz watch circuits with adaptive motor
pulse
PCA148x series
Detection criteria
The PCA148x uses current detection in two defined parts
of the detection phase to determine if the motor has moved
(refer to Figs 5 and 6). The detection criteria are:
part 1
• Minimum value of P = 1; where P = number of
measured positive current polarities after tDI.
part 2
• Minimum value of N = 2; where N = number of
measured positive current polarities since the first
negative current polarity after part 1 was detected
(see Fig.5).
If the opposite polarity is measured in one part, the internal
counter is reset, so the results of all measurements in this
part are ignored.
The waveform of the induced current must enable all these
measurements within the time tD after the end of a positive
motor pulse in order to be accepted as a waveform of an
executed motor pulse.
If the detection criterion is satisfied earlier, a measurement
cycle will not be started and the switches P1 and P2 stay
closed, the motor is switched to VDD.
Every measurement cycle (tMC) has 4 phases. These are
detailed in Table 1.
Note that detection and pulse width control will be switched
OFF when the battery voltage is below the end-of-life
voltage (VEOL), or if stage 5 is not sufficient to turn the
motor.
Table 1
Measurement cycle
SYMBOL
PHASE
DESCRIPTION
tM1
1
During tM1 the switches P1 and P2 are closed in order to switch the motor to VDD, so the
induced current flows unaffected through the motor inductance.
tM2
2
Measures the induced current; during a maximum time tM2 all switches are open until a
change is sensed by one of the level detectors (L1, L2). The motor is short-circuited to VDD.
Depending on the direction of the interrupted current:
• The current flows through diodes D3 and D2, causing the voltage at M1 to decrease in
relation to M2;
• The current flows through diodes D4 and D1, causing the voltage at M2 to decrease in
relation to M1.
A successfully detected current polarity is normally characterized by a short pulse of
0.5 to 10
µs with a voltage up to ±2.1 V, failed polarity detection by the maximum pulse width
of 61
µs and a voltage of ±0.5 V (see Fig.6).
tM3
3
The switches P1 and P2 remain closed for the time tM3.
tM4
4
If the circuit detects fewer pulses than P and N respectively, a pulse of the time tM4 occurs to
reduce the induced current. Therefore P2 and P1 are opened and N1 and N2 are closed.
Otherwise P1 and P2 remain closed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com