Electronic Components Datasheet Search
  English  ▼

X  

LM6152ACM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6152ACM
Description  Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6152ACM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6152ACM Datasheet HTML 1Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 2Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 3Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 4Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 5Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 6Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 7Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 8Page - National Semiconductor (TI) LM6152ACM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2500V
Differential Input Voltage
15V
Voltage at Input/Output
Pin
(V
+) + 0.3V, (V−) −0.3V
Supply Voltage (V
+ −V−)
35V
Current at Input Pin
±10mA
Current at Output Pin
(Note 3)
±25mA
Current at Power Supply
Pin
50mA
Lead Temperature
(soldering, 10 sec)
260˚C
Storage Temperature
Range
-65˚C to +150˚C
Junction Temperature
(Note 4)
150˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V
≤ V
S ≤ 24V
Junction Temperature Range
LM6152,LM6154
0˚C
≤ T
J ≤ + 70˚C
Thermal Resistance (
θ
JA)
N Pkg, 8-pin Molded Dip
115˚C/W
M Pkg, 8-pin Surface Mount
193˚C/W
N Pkg, 14-pin Molded Dip
81˚C/W
M Pkg, 14-pin Surface Mount
126˚C/W
5.0V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5.0V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM6154AC
LM6152AC
Limit
(Note 6)
LM6154BC
LM6152BC
Limt
(Note 6)
Units
V
OS
Input Offset Voltage
0.54
2
4
5
7
mV
max
TCV
OS
Input Offset Voltage Average Drift
10
µV/˚C
I
B
Input Bias Current
0V
≤ V
CM ≤ 5V
500
750
980
1500
980
1500
nA
max
I
OS
Input Offset Current
32
40
100
160
100
160
nA
max
R
IN
Input Resistance, CM
0V
≤ V
CM ≤ 4V
30
M
Ω
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 4V
94
70
70
dB min
0V
≤ V
CM ≤ 5V
84
60
60
PSRR
Power Supply Rejection Ratio
5V
≤ V+ ≤ 24V
91
80
80
dB min
V
CM
Input Common-Mode Voltage Range
Low
−0.25
0
0
V
High
5.25
5.0
5.0
V
A
V
Large Signal Voltage Gain
R
L = 10kΩ
214
50
50
V/mV
min
V
O
Output Swing
R
L = 100kΩ
0.006
0.02
0.03
0.02
0.03
V
max
4.992
4.97
4.96
4.97
4.96
V
min
R
L = 2kΩ
0.04
0.10
0.12
0.10
0.12
V
max
4.89
4.80
4.70
4.80
4.70
V
min
I
SC
Output Short Circuit Current
Sourcing
6.2
3
2.5
3
2.5
mA
min
27
17
27
17
mA
max
Sinking
16.9
7
5
7
5
mA
min
40
40
mA
max
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com